Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1117-F25R Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP1117-F25R
Description  1A Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1117-F25R Datasheet(HTML) 1 Page - Eorex Corporation

  EP1117-F25R Datasheet HTML 1Page - Eorex Corporation EP1117-F25R Datasheet HTML 2Page - Eorex Corporation EP1117-F25R Datasheet HTML 3Page - Eorex Corporation EP1117-F25R Datasheet HTML 4Page - Eorex Corporation EP1117-F25R Datasheet HTML 5Page - Eorex Corporation EP1117-F25R Datasheet HTML 6Page - Eorex Corporation EP1117-F25R Datasheet HTML 7Page - Eorex Corporation EP1117-F25R Datasheet HTML 8Page - Eorex Corporation EP1117-F25R Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eorex
EP1117
Jul. 2006
www.eorex.com
1/10
1A Low Dropout Linear Regulator
Features
• Guaranteed Output Voltage Accuracy within 2%
• Fast Transient Response
• Load Regulation: 0.1% Typ.
• Line Regulation: 0.03% Typ.
• Low Dropout Voltage: 1.1V Typ. at IOUT =1A
• On-chip Thermal Limiting: 150°C Typ.
• Adjustable Output: 1.25~10.7V
• Standard 3-pin SOT-223 and TO252 Power
Packages
Applications
• PC peripheral
• Low Voltage Logic Supplies
• Post Regulator for Switching Power Supply
Description
The EP1117 is a low dropout three-terminal
adjustable or fixed-voltage regulator with 1A
output current capability. The EP1117 is available
in an adjustable version, with output ranging from
1.25V to 10.7V and fixed output voltages of 1.8V,
2.5V, 3.3V and 5.0V. Dropout voltage is
guaranteed at a maximum of 1.3V at 1A. On-chip
thermal limiting provides protection against any
combination of overload that would create
excessive junction temperatures. The EP1117 is
available in the industry standard 3-pin the low
profile surface mount SOT-223 and TO-252
power packages.
Typical Application
Fixed Mode Regulator
1.25V to 10.7V Adjustable Regulator
VOUT
VIN
R2
VIN
EP1117
R1
VOUT
FB
120Ω
100uF
10uF
120Ω
VOUT= VREF ×
+
R1
R2
1
VREF =1.25V
R1≒100Ω~200Ω


Similar Part No. - EP1117-F25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117-18 ETC1-EP1117-18 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-25 ETC1-EP1117-25 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-33 ETC1-EP1117-33 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
EP1117-ADJ ETC1-EP1117-ADJ Datasheet
245Kb / 8P
   1A Low Dropout Regulator
More results

Similar Description - EP1117-F25R

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com