Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1201-W15R Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1201-W15R
Description  250mA Ultra Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1201-W15R Datasheet(HTML) 2 Page - Eorex Corporation

  EP1201-W15R Datasheet HTML 1Page - Eorex Corporation EP1201-W15R Datasheet HTML 2Page - Eorex Corporation EP1201-W15R Datasheet HTML 3Page - Eorex Corporation EP1201-W15R Datasheet HTML 4Page - Eorex Corporation EP1201-W15R Datasheet HTML 5Page - Eorex Corporation EP1201-W15R Datasheet HTML 6Page - Eorex Corporation EP1201-W15R Datasheet HTML 7Page - Eorex Corporation EP1201-W15R Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
eorex
EP1201
Jul. 2006
www.eorex.com
2/8
Pin Assignment
Ordering Information
Pin Description
Pin
Name
Function
1
GND
Ground
2
VOUT
Output Voltage
3
VIN
Input Voltage
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN
Input Voltage
12
V
IOUT
Output Current
500
mA
VOUT
Output Voltage
GND-0.3~ VIN+0.3
V
PD
Continuous Total Power Dissipation
150
mW
TOPR
Operating Ambient Temperature Range
-30 ~ +80
°C
TSTG
Storage Temperature Range
-40 ~ +125
°C
θJA
Thermal Resistance (Junction-to-Ambient)
SOT-23
250
°C/W


Similar Part No. - EP1201-W15R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
More results

Similar Description - EP1201-W15R

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com