Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4855EIJT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4855EIJT
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855EIJT Datasheet(HTML) 4 Page - STMicroelectronics

  TS4855EIJT Datasheet HTML 1Page - STMicroelectronics TS4855EIJT Datasheet HTML 2Page - STMicroelectronics TS4855EIJT Datasheet HTML 3Page - STMicroelectronics TS4855EIJT Datasheet HTML 4Page - STMicroelectronics TS4855EIJT Datasheet HTML 5Page - STMicroelectronics TS4855EIJT Datasheet HTML 6Page - STMicroelectronics TS4855EIJT Datasheet HTML 7Page - STMicroelectronics TS4855EIJT Datasheet HTML 8Page - STMicroelectronics TS4855EIJT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TS4855
SPI Bus Interface
4/27
Table 3: Gain Control Settings
G2: Gain (dB)
G1: Gain (dB)
DATA 7
DATA 6
DATA 5
DATA 4
DATA 3
-34.5
-40.5
0
0
0
0
0
-33.0
-39.0
0
0
0
0
1
-31.5
-37.5
0
0
0
1
0
-30.0
-36.0
0
0
0
1
1
-28.5
-34.5
0
0
1
0
0
-27.0
-33.0
0
0
1
0
1
-25.5
-31.5
0
0
1
1
0
-24.0
-30.0
0
0
1
1
1
-22.5
-28.5
0
1
0
0
0
-21.0
-27.0
0
1
0
0
1
-19.5
-25.5
0
1
0
1
0
-18.0
-24.0
0
1
0
1
1
-16.5
-22.5
0
1
1
0
0
-15.0
-21.0
0
1
1
0
1
-13.5
-19.5
0
1
1
1
0
-12.0
-18.0
0
1
1
1
1
-10.5
-16.5
1
0
0
0
0
-9.0
-15.0
1
0
0
0
1
-7.5
-13.5
1
0
0
1
0
-6.0
-12.0
1
0
0
1
1
-4.5
-10.5
1
0
1
0
0
-3.0
-9.0
1
0
1
0
1
-1.5
-7.5
1
0
1
1
0
0.0
-6.0
1
0
1
1
1
1.5
-4.5
1
1
0
0
0
3.0
-3.0
1
1
0
0
1
4.5
-1.5
1
1
0
1
0
6.0
0.0
1
1
0
1
1
7.5
1.5
1
1
1
0
0
9.0
3.0
1
1
1
0
1
10.5
4.5
1
1
1
1
0
12.0
6.0
1
1
1
1
1


Similar Part No. - TS4855EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
More results

Similar Description - TS4855EIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
TS4851 STMICROELECTRONICS-TS4851 Datasheet
1Mb / 28P
   MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com