Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5146M2PFP_0708 Datasheet(PDF) 69 Page - Texas Instruments

Part # TVP5146M2PFP_0708
Description  NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5146M2PFP_0708 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TVP5146M2PFP_0708 Datasheet HTML 65Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 66Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 67Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 68Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 69Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 70Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 71Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 72Page - Texas Instruments TVP5146M2PFP_0708 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Functional Description
61
SLES141B—August 2007
TVP5146M2PFP
2.11.60 AGC White Peak Processing Register
Subaddress
74h
Default
00h
7
6
5
4
3
2
1
0
Luma peak A
Reserved
Color burst A
Sync height A
Luma peak B
Composite peak
Color burst B
Sync height B
Luma peak A: Use of the luma peak as a video amplitude reference for the back-end feed-forward type AGC
algorithm.
0 = Enabled (default)
1 = Disabled
Color burst A: Use of the color burst amplitude as a video amplitude reference for the back-end.
NOTE: Not available for SECAM, component, and B/W video sources.
0 = Enabled (default)
1 = Disabled
Sync height A: Use of the sync height as a video amplitude reference for the back-end feed-forward type AGC
algorithm.
0 = Enabled (default)
1 = Disabled
Luma peak B: Use of the luma peak as a video amplitude reference for the front-end feedback type AGC
algorithm.
0 = Enabled (default)
1 = Disabled
Composite peak: Use of the composite peak as a video amplitude reference for the front-end feedback type
AGC algorithm.
NOTE: Required for CVBS and SCART (with color burst) video sources.
0 = Enabled (default)
1 = Disabled
Color burst B: Use of the color burst amplitude as a video amplitude reference for the front-end feedback type
AGC algorithm.
NOTE: Not available for SECAM, component, and B/W video sources.
0 = Enabled (default)
1 = Disabled
Sync height B: Use of the sync height as a video amplitude reference for the front-end feedback type AGC
algorithm.
0 = Enabled (default)
1 = Disabled
NOTE: If all 4 bits of the lower nibble are set to logic 1 (that is, no amplitude reference selected),
then the front-end analog and digital gains are automatically set to nominal values of 2 and
2304, respectively.
If all 4 bits of the upper nibble are set to logic 1 (that is, no amplitude reference selected), then
the back-end gain is set automatically to unity.
If the input sync height is greater than 100% and the AGC-adjusted output video amplitude becomes less than
100%, then the back-end scale factor attempts to increase the contrast in the back end to restore the video
amplitude to 100%.


Similar Part No. - TVP5146M2PFP_0708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5146M2PFPG4 TI-TVP5146M2PFPG4 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFPR TI-TVP5146M2PFPR Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFPR TI1-TVP5146M2PFPR Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFPRG4 TI-TVP5146M2PFPRG4 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
More results

Similar Description - TVP5146M2PFP_0708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI1-TVP5146_12 Datasheet
1Mb / 109P
[Old version datasheet]   NTSC/PAL/SECAM 4x10-Bit Digital Video Decoder With Macrovision田?Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
[Old version datasheet]   NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5147M1PFP TI-TVP5147M1PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5146PFP TI-TVP5146PFP Datasheet
651Kb / 100P
[Old version datasheet]   NTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com