Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27W032 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM??Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 3Page - STMicroelectronics M27W032 Datasheet HTML 4Page - STMicroelectronics M27W032 Datasheet HTML 5Page - STMicroelectronics M27W032 Datasheet HTML 6Page - STMicroelectronics M27W032 Datasheet HTML 7Page - STMicroelectronics M27W032 Datasheet HTML 8Page - STMicroelectronics M27W032 Datasheet HTML 9Page - STMicroelectronics M27W032 Datasheet HTML 10Page - STMicroelectronics M27W032 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
M27W032
BUS OPERATIONS
There are six standard bus operations that control
the device. These are Bus Read, Bus Write, Out-
put Disable, Standby, Automatic Standby and
Electronic Signature. See Tables 2, Bus Opera-
tions, for a summary. Typically glitches of less
than 5ns on Chip Enable or Write Enable are ig-
nored by the memory and do not affect bus opera-
tions.
Bus Read. Bus Read operations read from the
memory cells, or specific registers in the Com-
mand Interface. A valid Bus Read operation in-
volves setting the desired address on the Address
Inputs and applying a Low signal, VIL, to Chip En-
able and Output Enable. The Data Inputs/Outputs
will output the value, see Figure 10, Read AC
Waveforms, and Table 11, Read AC Characteris-
tics, for details of when the output becomes valid.
Bus Write. Bus Write operations write to the
Command Interface. Bus Write is enabled only
when VPP is set to VHH. A valid Bus Write opera-
tion begins by setting the desired address on the
Address Inputs. The Address Inputs are latched by
the Command Interface on the falling edge of Chip
Enable. The Data Inputs/Outputs are latched by
the Command Interface on the rising edge of Chip
Enable. Output Enable must remain High, VIH,
during the whole Bus Write operation. See Figure
11, Write AC Waveforms, and Table 12, Write AC
Characteristics, for details of the timing require-
ments.
Output Disable. The Data Inputs/Outputs are in
the high impedance state when Output Enable is
High, VIH.
Standby. When Chip Enable is High, VIH, the
memory enters Standby mode and the Data In-
puts/Outputs pins are placed in the high-imped-
ance state. To reduce the Supply Current to the
Standby Supply Current, ICC2, Chip Enable should
be held within VCC ± 0.2V. For the Standby current
level see Table 10, DC Characteristics.
During program operation the memory will contin-
ue to use the Program Supply Current, ICC3, for
Program operation until the operation completes.
Automatic Standby. If CMOS levels (VCC ± 0.2V)
are used to drive the bus and the bus is inactive for
150ns or more the memory enters Automatic
Standby where the internal Supply Current is re-
duced to the Standby Supply Current, ICC2. The
Data Inputs/Outputs will still output data if a Bus
Read operation is in progress.
Electronic Signature. The
memory
has
two
codes, the manufacturer code and the device
code, that can be read to identify the memory.
These codes can be read by applying the signals
listed in Tables 2, Bus Operations, once the Auto
Select Command is executed. To exit Electronic
Signature mode, the Read/Reset command must
be issued.
Table 2. Bus Operations
Note: 1. X = VIL or VIH.
2. XX = VIL, VIH or VHH
3. When reading Status Register during Program algorithm execution VPP must be kept at VHH.
Operation
E
G
VPP
Address Inputs
A0-A20
Data Inputs/Outputs
DQ15-DQ0
Bus Read
VIL
VIL
XX(3)
Cell Address
Data Output
Bus Write
VIL
VIH
VHH
Command Address
Data Input
Output Disable
X
VIH
X
X
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Read Manufacturer
Code
VIL
VIL
VHH
A0 = VIL, A1 = VIL,
Others VIL or VIH
0020h
Read Device Code
VIL
VIL
VHH
A0 = VIH, A1 = VIL,
Others VIL or VIH
888Eh


Similar Part No. - M27W032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W016 STMICROELECTRONICS-M27W016 Datasheet
438Kb / 26P
   16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
M27W016-100B1T STMICROELECTRONICS-M27W016-100B1T Datasheet
438Kb / 26P
   16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
M27W016-100M1T STMICROELECTRONICS-M27W016-100M1T Datasheet
438Kb / 26P
   16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
M27W016-100N1T STMICROELECTRONICS-M27W016-100N1T Datasheet
438Kb / 26P
   16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
M27W016-100S1T STMICROELECTRONICS-M27W016-100S1T Datasheet
438Kb / 26P
   16 Mbit 1Mb x16 3V Supply FlexibleROMTM Memory
More results

Similar Description - M27W032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W064 STMICROELECTRONICS-M27W064 Datasheet
179Kb / 23P
   64 Mbit 4Mb x16 3V Supply FlexibleROM??Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
   32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash??Memory
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com