Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP30NM30N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP30NM30N
Description  N-channel 300V - 0.078廓 - 30A - TO-220 Ultra low gate charge MDmesh??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NM30N Datasheet(HTML) 4 Page - STMicroelectronics

  STP30NM30N Datasheet HTML 1Page - STMicroelectronics STP30NM30N Datasheet HTML 2Page - STMicroelectronics STP30NM30N Datasheet HTML 3Page - STMicroelectronics STP30NM30N Datasheet HTML 4Page - STMicroelectronics STP30NM30N Datasheet HTML 5Page - STMicroelectronics STP30NM30N Datasheet HTML 6Page - STMicroelectronics STP30NM30N Datasheet HTML 7Page - STMicroelectronics STP30NM30N Datasheet HTML 8Page - STMicroelectronics STP30NM30N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STP30NM30N
4/12
2
Electrical characteristics
(Tcase =25°C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1mA, VGS = 0
300
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating, TC=125°C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250µA
2
3
4
V
RDS(on
Static drain-source on
resistance
VGS = 10V, ID = 15A
0.075
0.090
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward
transconductance
VDS = 15V, ID = 15A
9
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50V, f = 1 MHz, VGS = 0
2500
500
70
pF
pF
pF
Rg
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20mV
open drain
1.7
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 240V, ID = 30A,
VGS = 10V
(see Figure 13)
75
15
40
nC
nC
nC


Similar Part No. - STP30NM30N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP30NM60N STMICROELECTRONICS-STP30NM60N Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STP30NM60ND STMICROELECTRONICS-STP30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP30NM60ND STMICROELECTRONICS-STP30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
More results

Similar Description - STP30NM30N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N_05 Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N_06 Datasheet
453Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 20A PowerFLAT??ULTRA LOW GATE CHARGE MDmesh??II MOSFET
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
   N-CHANNEL 100V - 0.055廓 - 22A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
   N-channel 200V - 0.065廓 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET??Power MOSFET
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
   N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
   N-channel 600 V - 0.85 廓 - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh??II Power MOSFET
STL20NM20N STMICROELECTRONICS-STL20NM20N Datasheet
288Kb / 9P
   N-CHANNEL 200V - 0.088ohm - 20A PowerFLAT ULTRA LOW GATE CHARGE MDmesh II MOSFET
June 2005 Rev. 3
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
   N-channel 100V - 0.038廓 - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com