Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEL-712-U-1-12-C1 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HEL-712-U-1-12-C1
Description  Temperature Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HEL-712-U-1-12-C1 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HEL-712-U-1-12-C1 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HEL-712-U-1-12-C1 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HEL-712-U-1-12-C1 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HEL-712-U-1-12-C1 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Temperature Sensors
HEL-700 Series
Platinum RTDs
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
87
FEATURES
Linear resistance vs temperature
Accurate and Interchangeable
Excellent stability
Teflon or fiberglass lead wires
Wide temperature range
Ceramic case material
TYPICAL APPLICATIONS
HVAC – room, duct and refrigerant
equipment
Instrument and probe assemblies –
temperature compensation
Process control – temperature
regulation
HEL-700 Series elements are fully assem-
bled, ready to use directly or in probe
assemblies without the need for fragile
splices to extension leads.
The 1000 , 375 alpha version, provides
10X greater sensitivity and signal-to-
noise. Optional NIST calibrations im-
prove accuracy to ±0.03°C at 0°C.
ORDER GUIDE
HEL-705
28 ga. TFE Teflon, 2-wire only
HEL-707
28 ga. Fiberglass, 2-wire only
HEL-711
28 ga. TFE Teflon (2-wire 1000 , 3-wire 100 )
HEL-712
28 ga. Fiberglass (2-wire 1000 , 3-wire 100 )
HEL-716
24 ga. TFE Teflon (2-wire 1000 , 3-wire 100 )
HEL-717
24 ga. Fiberglass (2-wire 1000 , 3-wire 100 )
-U
1000 , 0.00375 / /°C
-T
100 , 0.00385 / /°C DIN Standard
-0
±0.2% Resistance Trim (Standard)
-1
±0.1% Resistance Trim (Optional)
-12
Lead wire length, 12 inches
-00
No NIST calibration
-C1 NIST @ 0°C
-C2 NIST @ 0 & 100°C
-C3 NIST @ 0, 100 & 260°C
MOUNTING DIMENSIONS (for reference only)
Fig. 1: Wheatstone Bridge 2-Wire Interface
Fig. 2: Linear Output Voltage
Fig. 3: Adjustable Point (Comparator) Interface
CAUTION
PRODUCT DAMAGE
The inherent design of this component causes it to be sensitive
to electrostatic discharge (ESD). To prevent ESD-induced
damage and/or degradation, take normal ESD precautions
when handling this product.


Similar Part No. - HEL-712-U-1-12-C1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HEL-712-U-1-12-C1 HONEYWELL-HEL-712-U-1-12-C1 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
More results

Similar Description - HEL-712-U-1-12-C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com