Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD08D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD08D
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08D Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD08D Datasheet HTML 1Page - Texas Instruments SN65HVD08D Datasheet HTML 2Page - Texas Instruments SN65HVD08D Datasheet HTML 3Page - Texas Instruments SN65HVD08D Datasheet HTML 4Page - Texas Instruments SN65HVD08D Datasheet HTML 5Page - Texas Instruments SN65HVD08D Datasheet HTML 6Page - Texas Instruments SN65HVD08D Datasheet HTML 7Page - Texas Instruments SN65HVD08D Datasheet HTML 8Page - Texas Instruments SN65HVD08D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
5.5
V
Input voltage at any bus terminal (separately or common mode), VI(1)
–7
12
V
High-level input voltage, VIH
2.25
VCC
Driver, driver enable, and receiver enable inputs
V
Low-level input voltage, VIL
0
0.8
Differential input voltage, VID
–12
12
Driver
–60
High-level output current, IOH
mA
Receiver
–8
Driver
60
Low-level output current, IOL
mA
Receiver
8
SN75HVD08
0
70
Operating free-air temperature, TA
°C
SN65HVD08
–40
85
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL= 60 Ω, 375 Ω on each output to
|VOD|
Driver differential output voltage magnitude
1.5
VCC
V
-7 V to 12 V, See Figure 1
Change in magnitude of driver differential
∆|V
OD|
RL= 54 Ω
–0.2
0.2
V
output voltage
Peak-to-peak driver common-mode output
Center of two 27-
Ω load
VOC(PP)
0.5
V
voltage
resistors, See Figure 2
Positive-going receiver differential input
VIT+
–10
mV
voltage threshold
Negative-going receiver differential input
VIT-
–200
mV
voltage threshold
Receiver differential input voltage threshold
Vhys
35
mV
hysteresis(VIT+ - VIT-)
VOH
Receiver high-level output voltage
IOH = -8 mA
2.4
V
VOL
Receiver low-level output voltage
IOL = 8 mA
0.4
V
Driver input, driver enable, and receiver
IIH
–100
100
µA
enable high-level input current
Driver input, driver enable, and receiver
IIL
–100
100
µA
enable low-level input current
IOS
Driver short-circuit output current
7 V < VO < 12 V
–265
265
mA
VI = 12 V
130
VI = -7 V
–100
II
Bus input current (disabled driver)
µA
VI = 12 V, VCC = 0 V
130
VI = -7 V. VCC = 0 V
–100
Receiver enabled, driver
10
disabled, no load
mA
Driver enabled, receiver
16
ICC
Supply current
disabled, no load
Both disabled
5
µA
Both enabled, no load
16
mA
3
Submit Documentation Feedback


Similar Part No. - SN65HVD08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08D TI-SN65HVD08D Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08D TI-SN65HVD08D Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DG4 TI-SN65HVD08DG4 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DG4 TI-SN65HVD08DG4 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DR TI-SN65HVD08DR Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08_07 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com