Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWN-XC00 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # HPWN-XC00
Description  SuperFlux LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWN-XC00 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button HPWN-XC00 Datasheet HTML 2Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 3Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 4Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 5Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 6Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 7Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 8Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 9Page - Lumileds Lighting Company HPWN-XC00 Datasheet HTML 10Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SuperFlux LEDs Technical Datasheet DS05 (11/07)
9
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e B
Biin
ns
s,, R
Re
ed
d,, R
Re
ed
d O
Orra
an
ng
ge
e,, a
an
nd
d A
Am
mb
be
err @
@ 7
70
0 m
mA
A
M
Miin
niim
mu
um
m
M
Ma
ax
xiim
mu
um
m
B
Biin
n C
Co
od
de
e
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
4
2.55
2.79
5
2.67
2.91
6
2.79
3.03
7
2.91
3.15


Similar Part No. - HPWN-XC00

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HPW OHMITE-HPW Datasheet
310Kb / 2P
   High Precision Welded Axial and Radial
logo
Samtec, Inc
HPW SAMTEC-HPW Datasheet
561Kb / 2P
   FLEXIBLE POWER SYSTEMS
logo
EUROQUARTZ limited
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
   14 pin Dual-in-Line
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
   7x5mm SMD 6 pad
HPW62 EUROQUARTZ-HPW62 Datasheet
231Kb / 1P
   11.4 x 9.6mm SMD 6 pad
More results

Similar Description - HPWN-XC00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com