Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEL-700-T-0-C Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HEL-700-T-0-C
Description  Temperature Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HEL-700-T-0-C Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HEL-700-T-0-C Datasheet HTML 1Page - Honeywell Solid State Electronics Center HEL-700-T-0-C Datasheet HTML 2Page - Honeywell Solid State Electronics Center HEL-700-T-0-C Datasheet HTML 3Page - Honeywell Solid State Electronics Center HEL-700-T-0-C Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Sensors
HEL-700
Platinum RTDs
86
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FUNCTIONAL BEHAVIOR
RT
R0(1+AT+BT2−100CT3+CT4)
RT
Resistance ( ) at temperature T (°C)
R0
Resistance ( ) at 0°C
T
Temperature in °C
A
+
B
CT<0
100
1002
1004
CONSTANTS
Alpha, (°C-1)
0.00375
0.003850
±0.000029
±0.000010
Delta, (°C)
1.605 ± 0.009
1.4999 ± 0.007
Beta, (°C)
0.16
0.10863
A (°C-1)
3.81×10-3
3.908×10-3
B (°C-2)
−6.02×10-7
−5.775×10-7
C (°C-4)
−6.0×10-12
−4.183×10-12
Both
0 and C
0 for T>0°C
RESISTANCE VS TEMPERATURE CURVE
ACCURACY VS TEMPERATURE
HEL-700 platinum RTDs are available in two base resistance trim
tolerances: ±0.2% or ±0.1%. The corresponding resistance
interchangeability and temperature accuracy for these toler-
ances are:
Tolerance
Standard ±0.2%
Optional ±0.1%
Temperature
± R*
± T
± R*
± T
(°C)
( )(°C)
( )(°C)
−200
6.8
1.6
5.1
1.2
−100
2.9
0.8
2.4
0.6
0
2.0
0.5
1.0
0.3
100
2.9
0.8
2.2
0.6
200
5.6
1.6
4.3
1.2
300
8.2
2.4
6.2
1.8
400
11.0
3.2
8.3
2.5
500
12.5
4.0
9.6
3.0
600
15.1
4.8
10.4
3.3
*1000 RTD. Divide R by 10 for 100 RTD.
CAUTION
PRODUCT DAMAGE
The inherent design of this component causes it to be sensitive
to electrostatic discharge (ESD). To prevent ESD-induced
damage and/or degradation, take normal ESD precautions
when handling this product.
SPECIFICATIONS
Sensor Type
Thin film platinum RTD;
R0
1000 @0°C; alpha
0.00375 / /°C
R0
100 @0°C; alpha
0.00385 / /°C
Temperature Range
−200 to +540°C (−300 to +1000°F)
Temperature Accuracy
±0.5°C or 0.8% of temperature, °C (R0 ±0.2% trim), whichever is greater
±0.3°C or 0.6% of temperature, °C (R0 ±0.1% trim), whichever is greater (optional)
Base Resistance and
Interchangeability, R0 ± R0
1000 ± 2 (±0.2%) @ 0°C
1000 ± 1 (±0.1%) @ 0°C (optional)
Linearity
±0.1% of full scale for temperatures spanning −40° to +125°C
±2.0% of full scale for temperatures spanning −200° to +540°C
Time Constant
<0.15 seconds in water @ 3 ft./sec.
<1 second on metal surfaces: <4 seconds in air @ 10 ft./sec.
Operating Current
2 mA max. For self-heating errors of 1°C
1 mA recommended
Stability
Better than 0.25°C/year: 0.05°C/5 years for occupied environments
Self-Heating
0.3 mW/°C
Insulation Resistance
>50 M @ 50 VDC @ 25°C
Case Material
99% alumina support, vapor deposited alumina passified resistance portion, refractory glass
passified overall
Lead Material – Ribbon
Platinum ribbon, 0.002 × 0.010 × 0.16 in. long nominal
Lead Pull Strength – Ribbon
200 grams nominal pulling up from surface


Similar Part No. - HEL-700-T-0-C

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
   Thin Film Platinum RTDs
June 2014
More results

Similar Description - HEL-700-T-0-C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com