Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTR-2219A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GTR-2219A
Description  Bi-Directional 1X9 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GTR-2219A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GTR-2219A Datasheet HTML 1Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 2Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 3Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 4Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 5Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 6Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 7Page - List of Unclassifed Manufacturers GTR-2219A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1X9 Series
155Mbps Bi-Directional transmission
Eoptolink Technology Inc., Ltd.
Last printed 2/14/2008 Page 4 of 8
Pin Description
Pin Name
Level
Description
1
VEER
Receiver Signal Ground, connect to receiver signal
ground plane directly
2
RD+
LVPECL/PECL
Receiver Data Out, Terminate this pin with standard
LVPECL/PECL techniques
3
RD-
LVPECL/PECL
Receiver Data Out, Terminate this pin with standard
LVPECL/PECL techniques
4
SD
LVPECL/PECL
Signal Detect, LVTTL/TTL
( Load resistor > 4.7K¡)or LVPECL/PECL output,
Normal optical input levels to the receiver result in a
logic “1” output, asserted. Low input levels to the
receiver result in a fault condition indicated by a logic
“0”output, deasserted.
5
VccR
Receiver Power Supply ,provide +5V(+3.3V) a the
recommended receiver power supply filter circuit.
Locate the power filter circuit as close as possible to
the VCCT pin
6
VccR
Transmitter Power Supply, provide +3.3V /+5V DC
via the recommended transmitter power supply filter
circuit. Locate the power filter circuit as close as
possible to the VCCT pin
7
TD-
PECL
Transmitter Data in
8
TD+
PECL
Transmitter Data in
9
VEET
Transmitter Signal Ground, connect to the
transmitter signal ground planed directly


Similar Part No. - GTR-2219A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GTR0.5-8 ETC2-GTR0.5-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR0.75-8 ETC2-GTR0.75-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR1.0-8 ETC2-GTR1.0-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR1.5-8 ETC2-GTR1.5-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
WOLFSPEED, INC.
GTRA184602FC WOLFSPEED-GTRA184602FC Datasheet
693Kb / 9P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
More results

Similar Description - GTR-2219A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPL-53-FE-BX-CDA SOURCE-SPL-53-FE-BX-CDA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
SPS-53-FE-BX-CDC SOURCE-SPS-53-FE-BX-CDC Datasheet
528Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-CNA SOURCE-SPL-35-GB-BD-CNA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPS-43-GB-EBX-CNC SOURCE-SPS-43-GB-EBX-CNC Datasheet
675Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-FE-BD-CDA SOURCE-SPL-35-FE-BD-CDA Datasheet
649Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com