Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWT-RH00-XXXX Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # HPWT-RH00-XXXX
Description  SuperFlux LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-RH00-XXXX Datasheet(HTML) 2 Page - Lumileds Lighting Company

  HPWT-RH00-XXXX Datasheet HTML 1Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 2Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 3Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 4Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 5Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 6Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 7Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 8Page - Lumileds Lighting Company HPWT-RH00-XXXX Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SuperFlux LEDs Technical Datasheet DS05 (11/07)
2
Selection Guide
Table 1.
T
To
otta
all F
Fllu
ux
x
Φ
Φ
V
V ((L
LM
M)) @
@
T
To
otta
all IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
w A
An
ng
glle
e
7
70
0 m
mA
A[1]((H
HP
PW
WA
A,, H
HP
PW
WT
T))
A
An
ng
glle
e
θθ
0
0..9
90
0 V
V
2
θθ11//22
5
50
0 m
mA
A ((H
HP
PW
WN
N))
((D
De
eg
grre
ee
es
s)) [[22]]
((D
De
eg
grre
ee
es
s))
D
De
ev
viic
ce
e T
Ty
yp
pe
e
L
LE
ED
D C
Co
ollo
orr
T
Ty
yp
p..
T
Ty
yp
p..
T
Ty
yp
p..
HPWAMH00
AS AlInGaP
2.0
95
90
HPWADH00
RedOrange
60
55
HPWTRD00
44 X 88
25x68
HPWTMD00
TS AlInGaP
3.8
100
70
HPWTDD00
Red
60
50
HPWTBD00
50
30
HPWTRH00
44 X 88
25x68
HPWTMH00
TS AlInGaP
5.0
100
70
HPWTDH00
RedOrange
60
50
HPWTBH00
50
30
HPWTRL00
44 X 88
25x68
HPWTML00
TS AlInGaP
2.5
100
70
HPWTDL00
Amber
60
50
HPWTBL00
50
30
HPWNMB00
InGaN Blue
2.0
110
90
HPWNMC00
InGaN Cyan
5.0
110
90
HPWNMG00
InGaN Green
4.5
110
90
Notes:
1.
Φv is the total luminous flux output as measured with an integrating sphere after the device has stabilized.
(RθJA = 200°C/W, TA = 25ºC)
2.
θ
0.90 V is the included angle at which 90% of the total luminous flux is captured.


Similar Part No. - HPWT-RH00-XXXX

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-RH02 LUMILEDS-HPWT-RH02 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
HPWT-RH02-00000 LUMILEDS-HPWT-RH02-00000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
HPWT-RH02-D4000 LUMILEDS-HPWT-RH02-D4000 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RH02-D4000 ETC2-HPWT-RH02-D4000 Datasheet
1Mb / 17P
   SuperFlux LEDs
More results

Similar Description - HPWT-RH00-XXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
AB20-1 LUMILEDS-AB20-1 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
logo
Gilway Technical Lamp
155-1583 GILWAY-155-1583 Datasheet
199Kb / 1P
   E606 White Superflux LED
logo
Lumileds Lighting Compa...
AB20-7 LUMILEDS-AB20-7 Datasheet
453Kb / 13P
   SnapLED / SuperFlux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com