Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6698 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6698
Description  7-Channel Precision Remote-Diode, Thermistor, and Local Temperature Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6698 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6698 Datasheet HTML 1Page - Maxim Integrated Products MAX6698 Datasheet HTML 2Page - Maxim Integrated Products MAX6698 Datasheet HTML 3Page - Maxim Integrated Products MAX6698 Datasheet HTML 4Page - Maxim Integrated Products MAX6698 Datasheet HTML 5Page - Maxim Integrated Products MAX6698 Datasheet HTML 6Page - Maxim Integrated Products MAX6698 Datasheet HTML 7Page - Maxim Integrated Products MAX6698 Datasheet HTML 8Page - Maxim Integrated Products MAX6698 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
7-Channel Precision Remote-Diode, Thermistor,
and Local Temperature Monitor
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
4.3
3.8
1
2
3
4
5
6
7
8
9
10
11
12
0
3.3
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.8
3.8
4.3
325
330
335
340
350
345
355
360
320
3.3
-4
-2
-3
0
-1
2
1
3
050
25
75
100
125
REMOTE TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
REMOTE-DIODE TEMPERATURE (°C)
-4
-3
-2
-1
0
1
2
3
4
0
25
50
75
100
125
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
DIE TEMPERATURE (°C)
REMOTE-DIODE TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
1
100mVP-P
LOCAL TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
FREQUENCY (MHz)
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
1
100mVP-P
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
10
100mVP-P
REMOTE TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.001
10
100mVP-P


Similar Part No. - MAX6698

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX669 MAXIM-MAX669 Datasheet
326Kb / 18P
   1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
Rev 0a; 8/98
MAX669 MAXIM-MAX669 Datasheet
82Kb / 6P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6690 MAXIM-MAX6690 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX66901-K00# MAXIM-MAX66901-K00# Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results

Similar Description - MAX6698

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1032 AD-ADM1032 Datasheet
167Kb / 12P
   -1C Remote and Local System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Maxim Integrated Produc...
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6697 MAXIM-MAX6697 Datasheet
288Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 1/05
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com