Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-MB1D-00F Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # LXHL-MB1D-00F
Description  power light source Luxeon Star Option Code Selections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-MB1D-00F Datasheet(HTML) 2 Page - Lumileds Lighting Company

  LXHL-MB1D-00F Datasheet HTML 1Page - Lumileds Lighting Company LXHL-MB1D-00F Datasheet HTML 2Page - Lumileds Lighting Company LXHL-MB1D-00F Datasheet HTML 3Page - Lumileds Lighting Company LXHL-MB1D-00F Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Luxeon Star Option Code Selections DS23A (4/05)
2
Luxeon White Option Codes
Table 1.
Color
Luxeon Star
White Color Bins
Radiation Pattern
White
LXHLMWEC00F
V1, V0, X1, W0 X0
White
LXHLMWEC00J
YA, Y0 WA W0 X0
Batwing
White
LXHLMWEC00M
WA, X1, W0, X0
White
LXHLMW1D00F
V1, V0, X1, W0 X0
White
LXHLMW1D00J
YA, Y0 WA W0 X0
Lambertian
White
LXHLMW1D00M
WA, X1, W0, X0
White
LXHLFW1C00F
V1, V0, X1, W0 X0
White
LXHLFW1C00J
YA, Y0 WA W0 X0
Side Emitting
White
LXHLFW1C00M
WA, X1, W0, X0
Flux Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 2.
M
Miin
niim
mu
um
m
L
Lu
um
miin
no
ou
us
s F
Fllu
ux
x ((llm
m))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n S
Stta
arr
Φ
ΦVV [1,2]
P
Pa
atttte
errn
n
Red
LXHLMD1CP00
23.5
Batwing
Amber
LXHLML1CN00
18.1
RedOrange
LXHLMH1DS00
51.7
Lambertian
Amber
LXHLML1DQ00
30.6
Color Selection Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 3.
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [4]
λλD
D
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n S
Stta
arr
M
Miin
n..
M
Ma
ax
x..
P
Pa
atttte
errn
n
Green
LXHLMM1C00F
520 nm
535 nm
Cyan
LXHLME1C00G
495 nm
510 nm
Cyan
LXHLME1C00H
500 nm
515 nm
Batwing
Blue
LXHLMB1C00F
460 nm
475 nm
Amber
LXHLML1C00G
587.0 nm
594.5 nm
Amber
LXHLML1C00H
589.5 nm
597.0 nm
Green
LXHLMM1D00F
520 nm
535 nm
Cyan
LXHLME1D00G
495 nm
510 nm
Cyan
LXHLME1D00H
500 nm
515 nm
Lambertian
Blue
LXHLMB1D00F
460 nm
475 nm
Amber
LXHLML1D00G
587.0 nm
594.5 nm
Amber
LXHLML1D00H
589.5 nm
597.0 nm


Similar Part No. - LXHL-MB1D-00F

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-MBCA LUMILEDS-LXHL-MBCA Datasheet
215Kb / 8P
   power light source Luxeon Flood
LXHL-MBJA LUMILEDS-LXHL-MBJA Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results

Similar Description - LXHL-MB1D-00F

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com