Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWS-FH77 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # HPWS-FH77
Description  SnapLED 150
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWS-FH77 Datasheet(HTML) 7 Page - Lumileds Lighting Company

  HPWS-FH77 Datasheet HTML 1Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 2Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 3Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 4Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 5Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 6Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 7Page - Lumileds Lighting Company HPWS-FH77 Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SnapLED 150 Technical Datasheet DS08 (11/07)
Copyright 2007 Philips Lumileds Lighting Company.
7
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e B
Biin
ns
s,, H
Hiig
gh
h C
Cu
urrrre
en
ntt ((1
15
50
0 m
mA
A))
M
Miin
niim
mu
um
m
M
Ma
ax
xiim
mu
um
m
B
Biin
n C
Co
od
de
e
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
1
2.19
2.43
2
2.31
2.55
3
2.43
2.67
4
2.55
2.79
5
2.67
2.91
6
2.79
3.03
7
2.91
3.15
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e B
Biin
ns
s,, L
Lo
ow
w C
Cu
urrrre
en
ntt11 ((1
10
0 m
mA
A))
M
Miin
niim
mu
um
m
M
Ma
ax
xiim
mu
um
m
B
Biin
n C
Co
od
de
e
V
Vo
olltta
ag
ge
e
V
Vo
olltta
ag
ge
e
B
1.84
1.94
C
1.90
2.00
D
1.96
2.06
E
2.02
2.12
F
2.08
2.18
G
2.14
2.24
H
2.20
2.30
1. Low Current Vf Binning applies to HPWSxH77 DualMode product only.


Similar Part No. - HPWS-FH77

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWS-FH00 LUMILEDS-HPWS-FH00 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
More results

Similar Description - HPWS-FH77

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
SSL075-NO88 LUMILEDS-SSL075-NO88 Datasheet
1Mb / 20P
   SnapLED 75 and SnapLED 150
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com