Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-NWE9 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXHL-NWE9
Description  power light source Luxeon Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-NWE9 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXHL-NWE9 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-NWE9 Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Luxeon Line
4
Document #: DS21 (10/05)
Electrical Characteristics at Junction
Temperature, T
J = 25
oC
Part
Forward Voltage VF (V) [1]
Dynamic
resistance[2]
Temperature
coefficient
of forward
voltage[3]
(mV/oC)
Array
Thermal
resistance,
junction
to board[4]
Forward
test
current
Number
Color
Min.
Typ.
Max.
(
Ω) RD
∆VF/ ∆TJ
(oC/W) R
θJ-B
(mA) IF
lxhl-nwE9
White
16
21
24
3
-12
1.7
700
lxhl-nm99
Green
16
21
24
3
-12
1.7
700
lxhl-ne99
Cyan
16
21
24
3
-12
1.7
700
lxhl-nb99
Blue
16
21
24
3
-12
1.7
700
lxhl-nd95
Red
14
18
21
7.2
-12
1.9
700
lxhl-nl95
Amber
14
18
21
7.2
-12
1.9
700
Absolute Maximum Ratings
Parameter
White/Green/
Cyan/Blue
Red/Amber
DC Forward Current (mA) [1]
700
770
Peak Pulsed Forward Current (mA)
1000
1100
Average Forward Current (mA)
700
700
ESD Sensitivity [2]
± 16,000V HBM
LED Junction Temperature (oC)
135
120
Aluminum-Core PCB Temperature (oC)
105
105
Storage & Operating Temperature (oC)
-40 to +75
-40 to +75
Wavelength Characteristics
Notes:
1.
Lumileds maintains a tolerance of
+/-0.06 Volts per LED for voltage
measurements.
2.
Dynamic resistance is the inverse of the
slope in linear forward voltage model
for LEDs.
See Figures 2a and 2b.
3.
Measured between 25oC
≤ T
J ≤ 110
oC
at I
F = 700mA.
4.
To determine the junction temperature,
multiply by total array power. For best
optical and lifetime performance,
additional heat sinking is required.
Notes:
1.
Proper current derating must be
observed to maintain junction
temperature below the maximum.
For more information, consult Luxeon
OEM Guide, available upon request.
2.
LEDs are not designed to be driven in
reverse bias. Please consult Lumileds’
Application Brief AB11 for further
information.
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
Wavelength (nm)
RE D
AM BE R
BLUE
GR E E N
CY AN
Figure 1a.
Relative Intensity vs. Wavelength.
Figure 1b.
White Color Spectrum of Typical CCT
Part, Integrated Measurement.
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)


Similar Part No. - LXHL-NWE9

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-NWE6 LUMILEDS-LXHL-NWE6 Datasheet
346Kb / 8P
   power light source Luxeon Ring
LXHL-NWE7 LUMILEDS-LXHL-NWE7 Datasheet
346Kb / 8P
   power light source Luxeon Ring
More results

Similar Description - LXHL-NWE9

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
Panasonic Semiconductor
LN322114ALUN PANASONIC-LN322114ALUN Datasheet
19Kb / 1P
   LED LINE LIGHT SOURCE
LNR314701 PANASONIC-LNR314701 Datasheet
18Kb / 1P
   LED LINE LIGHT SOURCE
LNR304803N PANASONIC-LNR304803N Datasheet
21Kb / 1P
   LED LINE LIGHT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com