Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-LB5C Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXHL-LB5C
Description  power light source Luxeon V Star
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-LB5C Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXHL-LB5C Datasheet HTML 1Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 2Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 3Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 4Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 5Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 6Page - Lumileds Lighting Company LXHL-LB5C Datasheet HTML 7Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luxeon V Star
3
Document #: DS30 (09/20/04)
Optical Characteristics at 700mA,
Junction Temperature, T
J = 25
oC
Radiation
Dominant Wavelength[1]
λD or
Peak Wavelength[2]
λP
Spectral
Half-Width[3]
(nm)
Temperature
Coefficient
of Dominant
Wavelength
(nm/oC)
Pattern
Color
Min.
Typ.
Max.
∆λ1/2
∆λD/ ∆ΤJ
Green
520 nm
530 nm
550 nm
35
0.04
Lambertian
Cyan
490 nm
505 nm
520 nm
30
0.04
Blue
460 nm
470 nm
490 nm
25
0.04
Royal Blue[2]
440 nm
455 nm
460 nm
20
0.04
Green
520 nm
530 nm
550 nm
35
0.04
Side Emitting
Cyan
490 nm
505 nm
520 nm
30
0.04
Blue
460 nm
470 nm
490 nm
25
0.04
Royal Blue[2]
440 nm
455 nm
460 nm
20
0.04
Optical Characteristics at 700mA,
Junction Temperature, T
J = 25
oC, Continued
Radiation pattern
Color
Total included
angle[4] (degree)
θ0.90V
viewing angle[5]
(degree)
2θ 1/2
Green
150
150
Lambertian
Cyan
150
150
Blue
150
150
Royal Blue
150
150
Optical Characteristics at 700mA,
Junction Temperature, T
J = 25
oC, Continued
Radiation
Typical total flux
percent within first
45
°[6]
Typical angle of
peak intensity[7]
Pattern
Color
Cum
Φ45°
θPEAK
Green
<30%
75
° - 85°
Side Emitting
Cyan
<30%
75
° - 85°
Blue
<30%
75
° - 85°
Royal blue
<30%
75
° - 85°
Notes: (for all three optical tables)
1.
Dominant wavelength is derived from
the CIE 1931 Chromaticity diagram
and represents the perceived color.
Lumileds maintains a tolerance of
± 0.5nm for dominant wavelength
measurements.
2.
Royal Blue product is binned by
radiometric power and peak
wavelength rather than photometric
lumens and dominant wavelength.
Lumileds maintains a tolerance of
± 2nm for peak wavelength
measurements.
3.
Spectral width at ½ of the peak
intensity.
4.
Total angle at which 90% of total
luminous flux is captured.
5.
θ½ is the off axis angle from lamp
centerline where the luminous intensity
is ½ of the peak value.
6.
Cumulative flux percent within
± 45°
from optical axis.
7.
Off axis angle from lamp centerline
where the luminous intensity
reaches the peak value.
On axis
peak may be higher than off axis
peak.
8.
All products built with Indium Gallium
Nitride (InGaN).
9.
Blue and Royal Blue power light
sources represented here are IEC825
Class 2 for eye safety.


Similar Part No. - LXHL-LB5C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
LXHL-LB3C LUMILEDS-LXHL-LB3C Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
More results

Similar Description - LXHL-LB5C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com