Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1785D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1785D
Description  70-V Fault-Protected RS-485 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1785D Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD1785D Datasheet HTML 1Page - Texas Instruments SN65HVD1785D Datasheet HTML 2Page - Texas Instruments SN65HVD1785D Datasheet HTML 3Page - Texas Instruments SN65HVD1785D Datasheet HTML 4Page - Texas Instruments SN65HVD1785D Datasheet HTML 5Page - Texas Instruments SN65HVD1785D Datasheet HTML 6Page - Texas Instruments SN65HVD1785D Datasheet HTML 7Page - Texas Instruments SN65HVD1785D Datasheet HTML 8Page - Texas Instruments SN65HVD1785D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RS-485 with
TA ≤ 85°C
1.5
common-mode load,
VCC > 4.75 V, see
TA ≤ 105°C
1.4
|VOD|
Driver differential output voltage magnitude
V
Figure 1
RL = 54 Ω, 4.75 V ≤ VCC ≤ 5.25 V
1.5
2
RL = 100 Ω, 4.75 V ≤ VCC ≤ 5.25 V
2
2.5
Change in magnitude of driver differential output
Δ|VOD|
RL = 54 Ω
–0.2
0
0.2
V
voltage
VOC(SS) Steady-state common-mode output voltage
1
VCC/2
3
V
Change in differential driver output
ΔVOC
–100
0
100
mV
common-mode voltage
Peak-to-peak driver common-mode output
Center of two 27-
Ω load resistors, See
VOC(PP)
500
mV
voltage
Figure 2
COD
Differential output capacitance
23
pF
Positive-going receiver differential input voltage
VIT+
–100
–10
mV
threshold
Negative-going receiver differential input
VIT–
VCM = –20 V to 25 V
–200
–150
mV
voltage threshold
Receiver differential input voltage threshold
VHYS
30
50
mV
hysteresis (VIT+ – VIT–)
VCC
IOH = –8 mA
2.4
– 0.3
VOH
Receiver high-level output voltage
V
IOH = –400 mA
4
TA ≤ 85°C
0.2
0.4
VOL
Receiver low-level output voltage
IOL = 8 mA
V
TA ≤ 105°C
0.2
0.5
Driver input, driver enable, and receiver enable
II
–100
100
mA
input current
IOZ
Receiver output high-impedance current
VO = 0 V or VCC, RE at VCC
–1
1
mA
IOS
Driver short-circuit output current
–250
250
mA
VI = 12 V
75
125
85, 86,
91, 92
VI = –7 V
–100
–40
VCC = 4.5 to 5.5 V or
II
Bus input current (disabled driver)
mA
VCC = 0 V, DE at 0 V
VI = 12 V
500
87, 93
VI = –7 V
–400
DE = VCC,
Driver and receiver
RE = GND,
4
6
enabled
no load
DE = VCC,
Driver enabled,
RE = VCC,
3
5
mA
receiver disabled
no load
ICC
Supply current (quiescent)
DE = GND,
Driver disabled,
RE = GND,
2
4
receiver enabled
no load
DE = GND,
Driver and receiver
D = open
0.5
5
mA
disabled
RE = VCC,
no load
Supply current (dynamic)
See TYPICAL CHARACTERISTICS section
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1785D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785D TI-SN65HVD1785D Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1785D TI-SN65HVD1785D Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785D TI-SN65HVD1785D Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1785D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1794P TI-SN65HVD1794P Datasheet
899Kb / 18P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781A-Q1 TI1-SN65HVD1781A-Q1 Datasheet
570Kb / 23P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With 3.3-V to 5-V Operation
SN65HVD1781-Q1 TI1-SN65HVD1781-Q1 Datasheet
661Kb / 18P
[Old version datasheet]   Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com