Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LVDS32 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS32
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS32 Datasheet(HTML) 3 Page - Texas Instruments

  SN55LVDS32 Datasheet HTML 1Page - Texas Instruments SN55LVDS32 Datasheet HTML 2Page - Texas Instruments SN55LVDS32 Datasheet HTML 3Page - Texas Instruments SN55LVDS32 Datasheet HTML 4Page - Texas Instruments SN55LVDS32 Datasheet HTML 5Page - Texas Instruments SN55LVDS32 Datasheet HTML 6Page - Texas Instruments SN55LVDS32 Datasheet HTML 7Page - Texas Instruments SN55LVDS32 Datasheet HTML 8Page - Texas Instruments SN55LVDS32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
FUNCTION TABLES
logic symbols
EN
≥ 1
G
G
1A
1B
2A
2B
3A
3B
4A
4B
3
5
11
13
1Y
2Y
3Y
4Y
4
12
2
1
6
7
10
9
14
15
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
EN
EN
4B
4A
3B
3A
3, 4EN
13
11
4Y
3Y
15
14
9
10
12
2Y
1Y
2B
2A
1B
1A
1, 2EN
7
6
1
2
4
5
3
SN65LVDS3486
SN55LVDS32, SN65LVDS32
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262Q – JULY 1997 – REVISED JULY 2007
SN55LVDS32, SN65LVDS32(1)
SN65LVDS3486(1)
ENABLES
DIFFERENTIAL INPUT
OUTPUT
DIFFERENTIAL INPUT
ENABLE
OUTPUT
A, B
Y
A, B
EN
Y
G
G
H
X
H
VID ≥ 100 mV
VID ≥ 100 mV
H
H
X
L
H
H
X
?
–100 mV < VID < 100 mV
–100 mV < VID < 100 mV
H
?
X
L
?
H
X
L
VID ≤ –100 mV
VID ≤ –100 mV
H
L
X
L
L
X
L
H
Z
X
L
Z
H
X
H
Open
Open
H
H
X
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate
Function Table
SN65LVDS9637
DIFFERENTIAL INPUT
OUTPUT
A, B
Y
VID ≥ 100 mV
H
–100 mV < VID < 100 mV
?
VID ≤ –100 mV
L
Open
H
H = high level, L = low level, ? = indeterminate
3
Submit Documentation Feedback


Similar Part No. - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com