Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HCT14J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HCT14J
Description  HEX SCHMITT-TRIGGER INVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HCT14J Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54HCT14J Datasheet HTML 1Page - Texas Instruments SNJ54HCT14J Datasheet HTML 2Page - Texas Instruments SNJ54HCT14J Datasheet HTML 3Page - Texas Instruments SNJ54HCT14J Datasheet HTML 4Page - Texas Instruments SNJ54HCT14J Datasheet HTML 5Page - Texas Instruments SNJ54HCT14J Datasheet HTML 6Page - Texas Instruments SNJ54HCT14J Datasheet HTML 7Page - Texas Instruments SNJ54HCT14J Datasheet HTML 8Page - Texas Instruments SNJ54HCT14J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN54HCT14, SN74HCT14
HEX SCHMITT-TRIGGER INVERTERS
SCLS225E – JULY 1995 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.25
0.2
0.1
0.05
0
0.45
0.15
0
0.45
0.9 1.35
1.8
2.26
2.7
0.35
0.3
0.4
SUPPLY CURRENT
vs
INPUT VOLTAGE
0.5
3.16 3.61
4
VI – Input Voltage – V
VI = 0 to VCC
VI = VCC to 0
VCC = 4.5 V
0.25
0.2
0.1
0.05
0
0.45
0.15
0
0.55
1.1 1.66
2.2
2.76
3.3
0.35
0.3
0.4
SUPPLY CURRENT
vs
INPUT VOLTAGE
0.5
3.86 4.4 4.97
VI – Input Voltage – V
VI = 0 to VCC
VI = VCC to 0
VCC = 5.5 V
0
0.75
1.5
2.27
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3
3.77
6
5
4
3
2
1
0
–1
VI – Input Voltage – V
VI = Down
VI = Up
VCC = 4.5 V
0
0.92
1.84
2.76
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.68
4.6
6
5
4
3
2
1
0
–1
VI – Input Voltage – V
VI = Down
VI = Up
VCC = 5.5 V


Similar Part No. - SNJ54HCT14J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HCT14J TI-SNJ54HCT14J Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SNJ54HCT14J TI-SNJ54HCT14J Datasheet
636Kb / 18P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SNJ54HCT14J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com