Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC202-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ADC202-12
Description  Automatic Door Controller for DC Motors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADC202-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ADC202-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC202-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELSEMA
Automatic Door Controller for DC Motors – ADC202-12, ADC202-24
Technical & Installation Instruction
1. Power Supply: Use suitable 12 (ADC202-12) or 24 (ADC202-24) Volt 5 Amps transformer connected to the bridge
rectifier.
2. We advise to install a 2amps fuse on the 240V AC side of the transformer.
3. “Open Relay” must open door, if wrong, reverse two wires to the motor.
4. Turning Clockwise on the overload trimpot will enable more motor power before tripping.
5. Up and Down limit switches are Normally Closed Contact (NC).
6. On-board push button may be used with a suitable linkage to any external button.
7. Photo Cell contact must be “normally closed” for operation.
8. Antenna wire to be approximately 1-2 metres wire, keep clear of other wires or metal frames.
9. Light relay has 24VDC output, operates for 3-minute courtesy light.
10. Size of printed circuit board is: 115 X 105 X 40mm.
11. Mounting Hole spacing is: 105 X 95mm. Use 1/8” or 3mm screws.
12. If Auto close switch is on, door will close after being open for 30 seconds.
Charging and battery backup Circuit
This diagram shows how to connect a battery and the BACH Elsema charger to the control card. This gives the added option
of battery backup.
Elsema Pty Ltd
3/10 Hume Rd, Smithfield
NSW 2164
Ph: 02 9609 4668
Fax: 02 9725 2663
Website: www.elsema.com
Distributed by:


Similar Part No. - ADC202-12

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC202 MPSIND-ADC202 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC202-12

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
logo
STMicroelectronics
L6506 STMICROELECTRONICS-L6506_03 Datasheet
477Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
L6506D013TR STMICROELECTRONICS-L6506D013TR Datasheet
511Kb / 8P
   CURRENT CONTROLLER FOR STEPPING MOTORS
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P Datasheet
195Kb / 15P
   3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
logo
Micro Commercial Compon...
MD100K08D1 MCC-MD100K08D1 Datasheet
503Kb / 4P
   Field supply for DC motors
logo
STMicroelectronics
TDA1154 STMICROELECTRONICS-TDA1154 Datasheet
66Kb / 6P
   SPEED REGULATOR FOR DC MOTORS
logo
Toshiba Semiconductor
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
logo
STMicroelectronics
L292 STMICROELECTRONICS-L292 Datasheet
161Kb / 12P
   SWITCH-MODE DRIVER FOR DC MOTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com