Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPO-21 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPO-21
Description  high stability crystal oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-21 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPO-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPO-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Outline in mm.
17
14
8
∅0.48
12.2±0.2
20.7 max
Pin Function
1.
Frequency Adjust (leave unconnected
in case the 'no frequency adjust' option
has been ordered)
7.
GND
8.
Output
14. +Vs
15.24
Output Waveform - HCMOS
t
90% (VoH-VoL)
10% (VoH-VoL)
50% (VoH-VoL)
0V
tr
tf
T
+Vs
Duty cycle = t x 100(%)
T
VoH
VoL
Test Circuit
A
V
Oscillator
7
14
8
Oscilloscope
Frequency Counter
Cs
C
L
1
Voltage
Control
or
+Vs
C
L = Load 15pF (HCMOS or 10kΩ // 10pF (Clipped Sinewave),
inclusive of probe and jig capacitance.
Cs = 100nF
*The GND of the control voltage needs to be connected
directly to pin 7 as ground lead impedance may cause
performance degradation
*
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-DO ETC2-CFPO-DO Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-1 ETC2-CFPO-DO-1 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A5 ETC2-CFPO-DO-140C12A5 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50 ETC2-CFPO-DO-140C12A50 Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
CFPO-DO-140C12A50N ETC2-CFPO-DO-140C12A50N Datasheet
61Kb / 2P
   Range of Super Single Oven OCXO?셲
More results

Similar Description - CFPO-21

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1_18 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
KC2520C-C2 KSS-KC2520C-C2_18 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
logo
List of Unclassifed Man...
CSX-325M ETC2-CSX-325M Datasheet
82Kb / 1P
   HIGH STABILITY CLOCK OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Vanlong Technology Co.,...
PO303 VANLONG-PO303_13 Datasheet
44Kb / 1P
   High Stability Crystal Oscillator
logo
Epson ToYoCom
TCO-3100 EPSONTOYOCOM-TCO-3100 Datasheet
311Kb / 2P
   CRYSTAL OSCILLATOR HIGH-STABILITY
logo
Abracon Corporation
ABM8X ABRACON-ABM8X Datasheet
3Mb / 2P
   HIGH STABILITY SMD CRYSTAL
04.26.11
logo
Toshiba Semiconductor
TA4014FE TOSHIBA-TA4014FE Datasheet
62Kb / 4P
   Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com