Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT16211AZQLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74CBT16211AZQLR
Description  24-BIT FET BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16211AZQLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74CBT16211AZQLR Datasheet HTML 3Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 4Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 5Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 6Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 7Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 8Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 9Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 10Page - Texas Instruments SN74CBT16211AZQLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74CBT16211ADGGR
TSSOP
DGG
56
2000
330.0
24.4
8.6
15.6
1.8
12.0
24.0
Q1
SN74CBT16211ADGVR
TVSOP
DGV
56
2000
330.0
24.4
6.8
11.7
1.6
12.0
24.0
Q1
SN74CBT16211ADLR
SSOP
DL
56
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
SN74CBT16211AGQLR
BGA MI
CROSTA
R JUNI
OR
GQL
56
1000
330.0
16.4
4.8
7.3
1.45
8.0
16.0
Q1
SN74CBT16211AZQLR
BGA MI
CROSTA
R JUNI
OR
ZQL
56
1000
330.0
16.4
4.8
7.3
1.45
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1


Similar Part No. - SN74CBT16211AZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16211AZQLR TI-SN74CBT16211AZQLR Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211AZQLR TI-SN74CBT16211AZQLR Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT16211AZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH BUS HOLD
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com