Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGB-248L0FT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MGB-248L0FT
Description  GBIC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGB-248L0FT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MGB-248L0FT Datasheet HTML 1Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 2Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 3Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 4Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 5Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 6Page - List of Unclassifed Manufacturers MGB-248L0FT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HG Genuine
GBIC Transceiver
MGB-243S
Features:
Operating temperature
range 0°C to +70°C
Operating bit rate
1250Mbps
Hot-pluggable
capability.
Low power dissipation
1310 nm FP laser
SCA-2 electrical
interface
Single 3.3V/5V power
supply
Differential PECL
input and output
TTL signal detect
indicator
Duplex SC optical
interface
Detailed product
information in
E
2PROM
GBIC Transceiver
MGB-243S
Applications:
Gigabit Ethernet
Switch to Switch interface
Router/server interface
Other optical transmission systems
Description:
MGB-243S
is
compliant
with
Gigabit
Interface
Converter
(GBIC)
specification Rev5.5. It meets the requirements of IEEE 802.3 Gigabit
Ethernet standard and ANSI specifications for fiber channel. It can be inserted
in or removed from host chassis without shutting power of the host system.
MGB-243S Operating Wavelength is 1310nm, it enables cost-effective data
transmission over optical fibers at a distance of 10 km. The operating voltage
is +3.3V or +5V.
Specifications:
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
-0.5
6
V
Ambient Operating
Temperature
TC
0
70
°C
Storage Temperature
Tstg
-40
85
°C
Relative Humidity
RH
5
95
%
Data Input Voltage
TX-DAT
-0 .5
VDDT
V
Transmitter Differential
Input Voltage
±TX-DAT
2000
mVp-p
Operating Current
Iop
300
mA
1of7


Similar Part No. - MGB-248L0FT

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB100DA MICRO-ELECTRONICS-MGB100DA Datasheet
41Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120D MICRO-ELECTRONICS-MGB120D Datasheet
44Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120DA-3 MICRO-ELECTRONICS-MGB120DA-3 Datasheet
45Kb / 1P
   ULTRA HIGH BRIGHTNESS GREEN LED LAMP
logo
ON Semiconductor
MGB15N35CL ONSEMI-MGB15N35CL Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB-248L0FT

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com