Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2303BDS Datasheet(PDF) 4 Page - Sumida Corporation

Part # SI2303BDS
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SI2303BDS Datasheet(HTML) 4 Page - Sumida Corporation

  SI2303BDS_08 Datasheet HTML 1Page - Sumida Corporation SI2303BDS_08 Datasheet HTML 2Page - Sumida Corporation SI2303BDS_08 Datasheet HTML 3Page - Sumida Corporation SI2303BDS_08 Datasheet HTML 4Page - Sumida Corporation SI2303BDS_08 Datasheet HTML 5Page - Sumida Corporation SI2303BDS_08 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 72065
S-80642-Rev. C, 24-Mar-08
Vishay Siliconix
Si2303BDS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
10
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
1
- 0.6
- 0.3
0.0
0.3
0.6
0.9
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.0
0.2
0.4
0.6
0.8
1.0
0
2468
10
VGS - Gate-to-Source Voltage (V)
ID = 1.7 A
Time (s)
TA = 25 °C
10
8
6
4
2
0
0.01
0.1
1
10
100
1000
Safe Operating Area, Junction-to-Case
Square Wave Pulse Duration (s)
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
0.1
Limited
by RDS(on)*
TA = 25 °C
Single Pulse
10 ms
100 ms
10 µs
100 µs
1 ms
DC, 100 s, 10 s, 1 s
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI2303BDS_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2303BDS-3 KEXIN-SI2303BDS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2303BDS-HF KEXIN-SI2303BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2303BDS-HF-3 KEXIN-SI2303BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2303BDS-T1 VISHAY-SI2303BDS-T1 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
SI2303BDS-T1-E3 VISHAY-SI2303BDS-T1-E3 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
More results

Similar Description - SI2303BDS_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com