Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGB-035L0FT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MGB-035L0FT
Description  GBIC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGB-035L0FT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MGB-035L0FT Datasheet HTML 1Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 2Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 3Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 4Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 5Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 6Page - List of Unclassifed Manufacturers MGB-035L0FT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HG Genuine
GBIC Transceiver
MGB-243S
Ordering Information:
Digital Transceiver Module
MGB
X
1
X
2
X
3
X
4
X
5
X
6
X
7
Operating Level:
C:PECL;
T:TTL
Laser Type:
F:F-P(omit); D:DFB ; V:VCSEL(omit)
Operating Voltage:
0: 3.3V or 5V currency(omit); 5:5V
Transmit Distance:
S:short distance;M:middle distance;
L:long distance;
U:super long distance
GBIC Module
Operating Wavelength:
3:1310nm;5:1550nm;8:850nm
Operating Rate:
03:155Mb/s
12:622Mb/s
24:1.25Gb/s
48:2.5Gb/s
Statement:
HG Genuine possesses the authority for ultimate explanation of the content; all information contained in this document is
subject to change without notice.
All information contained in this document was obtained in specific environments; the users should responsible for
verifying the products performance in their own operating environments. HG Genuine is not liable for the performance of
users' products. All information contained in this document is only for the users' reference and is not the verification of the
product quality.
Version:
V2.1
Publishing Date: 2005-05-07
Contact Information:
Address: Huagong Tech BDG, Science &Technology Region of Hust,
Donghu High-Tech Zone, Wuhan Hubei, P.R.China
Post Code: 430223
Tel: +86-27-87180203
Website: http://www.genuine-opto.com
7of7


Similar Part No. - MGB-035L0FT

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB100DA MICRO-ELECTRONICS-MGB100DA Datasheet
41Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120D MICRO-ELECTRONICS-MGB120D Datasheet
44Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120DA-3 MICRO-ELECTRONICS-MGB120DA-3 Datasheet
45Kb / 1P
   ULTRA HIGH BRIGHTNESS GREEN LED LAMP
logo
ON Semiconductor
MGB15N35CL ONSEMI-MGB15N35CL Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB-035L0FT

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com