Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT244TH Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT244TH
Description  Fast CMOS Octal Buffer/Line Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT244TH Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT244TH Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT244TH Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS2011E
06/20/06
PI74FCT244T/2244T
PI74FCT541T/2541T
Octal Buffer/Line Drivers
PI74FCT244/2244T Switching Characteristics over Operating Range
Param-
eters
Description
Condi-
tions(1)
244T/2244T
244AT/2244AT
244CT/2244CT
244DT
Units
Com.
Com.
Com.
Com.
Min
Max
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay(2)
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPZH
tPZL
Output Enable Time
OEX to ON
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPHZ
tPLZ
Output Disable
Time(3)
OEX to ON
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
PI74FCT541/2541T Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
541T/2541T
541AT/
2541AT
541CT/
2541CT
541DT
Units
Com.
Com.
Com.
Com.
Min
Max
Min
Max
Min
Max
Min
Max
tPLH
tPHL
Propagation Delay(2)
DN to ON
CL = 50pF
RL = 500Ω
1.5
6.0
1.5
4.8
1.5
4.1
1.5
3.8
ns
tPZH
tPZL
Output Enable Time
OEX to ON
1.5
9.5
1.5
6.2
1.5
5.8
1.5
5.2
ns
tPHZ
tPLZ
Output Disable
Time(3)
OEX to ON
1.5
6.5
1.5
5.6
1.5
5.2
1.5
5.2
ns
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
06-0218


Similar Part No. - PI74FCT244TH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244TH PERICOM-PI74FCT244TH Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
More results

Similar Description - PI74FCT244TH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com