Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1223-04MR Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1223-04MR
Description  Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1223-04MR Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM1223-04MR Datasheet HTML 2Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 3Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 4Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 5Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 6Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 7Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 8Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 9Page - California Micro Devices Corp CM1223-04MR Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 08/02/06
CM1223
Performance Information
Input Channel Capacitance Performance Curves
Typical Variation of CIN vs. VIN
(f=1MHz, VP = 3.3V, VN = 0V, 0.1 μF chip capacitor between VP and VN, 25°C)
Typical Variation of CIN vs. Temp
(f=1MHz, VIN=30mV, VP = 3.3V, VN = 0V,
0.1
μF chip capacitor between VP and VN)
0
0.5
1
1.5
2
00.5
1
1.522.5
3
Input Voltage (V)
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
-50
-25
0
25
50
75
100
Temperature (°C)
0V DC Input Bias
1.65V DC Input Bias


Similar Part No. - CM1223-04MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223-04MR ONSEMI-CM1223-04MR Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223-04MR ONSEMI-CM1223-04MR Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
More results

Similar Description - CM1223-04MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com