Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCSO1000-12 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCSO1000-12
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCSO1000-12 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCSO1000-12 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCSO1000-12 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCSO1000-12 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1000 MHz
OPTIMIZED CENTER FREQUENCY
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL: DCSO1000-12
FEATURES:
Highly Immune To Phase Hits
Low Phase Noise (SAW Replacement)
Tolerant To Supply Variation
Fast Tuning
Small Size, Surface Mount
Lead Free REL-PRO® Technology
Planar Resonator Construction
Phase Noise
-175
-165
-155
-145
-135
-125
-115
-105
-95
-85
-75
-65
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
995.9MHz/1V
1000.6MHz/6V
1006.4MHz/11V
SPECIFICATIONS(Rev. F 01/03/08)
Frequency
1000 MHz
Tuning Voltage
0.5 - 12 VDC
Bias Voltage
+12 VDC @ <35 mA
Output Power
+4 dBm (Min)
Tuning Sensitivity
2 MHz/V (Typ)
Output Impedance
50 Ohms (Nom)
Harmonic Suppression
20 dBc (Min)
Frequency Pulling
500 kHz (Typ @ 1.75:1 VSWR)
Frequency Pushing
50 kHz/V (Typ)
Phase Noise @ 10 kHz
-126 dBc/Hz (Typ)
Operating Temperature Range
-40 to +85 °C
Package #
249LF
CONTACT ASSIGNMENT
Tuning Voltage
2
No Connection
4
RF Output
9
DC Supply Input
11
All Others
Ground


Similar Part No. - DCSO1000-12

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCSO1300-12 SYNERGY-DCSO1300-12 Datasheet
473Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCSO1000-12

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com