Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND04GW3B4CZL1E Datasheet(PDF) 9 Page - Numonyx B.V

Part # NAND04GW3B4CZL1E
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND04GW3B4CZL1E Datasheet(HTML) 9 Page - Numonyx B.V

Back Button NAND04GW3B4CZL1E Datasheet HTML 5Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 6Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 7Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 8Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 9Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 10Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 11Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 12Page - Numonyx B.V NAND04GW3B4CZL1E Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
NAND04G-B2D, NAND08G-BxC
Description
9/69
Figure 1.
Logic block diagram
1.
The NAND08G-B4C devices have two separate sets of signals for each 4 Gb die.
Figure 2.
Logic diagram
1.
The NAND08G-B4C devices have two separate sets of signals for each 4 Gb die.
Address
Register/Counter
Command
Interface
Logic
P/E/R Controller,
High Voltage
Generator
WP
I/O Buffers & Latches
E
W
AI13166b
R
Y Decoder
Page Buffer
NAND Flash
Memory Array
I/O0-I/O7 (x8/x16)
I/O8-I/O15 (x16)
Command Register
CL
AL
Cache Register
RB
AI13167b
W
VDD
NAND FLASH
E
VSS
WP
AL
CL
RB
R
I/O0-I/O7 (x8/x16)
I/O8-I/O15 (x16)


Similar Part No. - NAND04GW3B4CZL1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND04GW3B STMICROELECTRONICS-NAND04GW3B Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
NAND04GW3B STMICROELECTRONICS-NAND04GW3B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND04GW3B2AN1E STMICROELECTRONICS-NAND04GW3B2AN1E Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND04GW3B2AN1E NUMONYX-NAND04GW3B2AN1E Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2AN1F STMICROELECTRONICS-NAND04GW3B2AN1F Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results

Similar Description - NAND04GW3B4CZL1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com