Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND04GR3B2CZL1E Datasheet(PDF) 7 Page - Numonyx B.V

Part # NAND04GR3B2CZL1E
Description  4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND04GR3B2CZL1E Datasheet(HTML) 7 Page - Numonyx B.V

Back Button NAND04GR3B2CZL1E Datasheet HTML 3Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 4Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 5Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 6Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 7Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 8Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 9Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 10Page - Numonyx B.V NAND04GR3B2CZL1E Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
NAND04G-B2D, NAND08G-BxC
Description
7/69
1
Description
The NAND04G-B2D and NAND08G-BxC are part of the NAND Flash 2112 byte/1056 word
page family of non-volatile Flash memories. They use NAND cell technology have a density
of 4 Gbits and 8 Gbits, respectively.
The NAND04G-B2D memory array is split into 2 planes of 2048 blocks each. This
multiplane architecture makes it possible to program 2 pages at a time (one in each plane),
or to erase 2 blocks at a time (one in each plane). This feature reduces the average program
and erase times by 50%.
The NAND08G-BxC is a stacked device that combines two NAND04G-B2D dice, both of
which feature a multiplane architecture.
In the NAND08G-B2C devices, only one of the memory components can be enabled at a
time, therefore, operations can only be performed on one of the memory components at any
one time.
In the NAND08G-B4C devices, each NAND04G-B2D die can be accessed independently
using two sets of signals.
The devices operate from a 1.8 V or 3 V voltage supply. Depending on whether the device
has a x8 or x16 bus width, the page size is 2112 bytes (2048 + 64 spare) or or 1056 words
(1024 + 32 spare), respectively.
The address lines are multiplexed with the data input/output signals on a multiplexed x8
input/output bus. This interface reduces the pin count and makes it possible to migrate to
other densities without changing the footprint.
Each block can be programmed and erased over 100 000 cycles with ECC (error correction
code) on. To extend the lifetime of NAND Flash devices, the implementation of an ECC is
strongly recommended.
A Write Protect pin is available to provide hardware protection against program and erase
operations.
The devices feature an open-drain ready/busy output that identifies if the P/E/R
(program/erase/read) Controller is currently active. The use of an open-drain output allows
the ready/busy pins from several memories to connect to a single pull-up resistor.
A Copy Back Program command is available to optimize the management of defective
blocks. When a page program operation fails, the data can be programmed in another page
without having to resend the data to be programmed. An embedded error detection code is
automatically executed after each copy back operation: 1 error bit can be detected for every
528 bits. With this feature it is no longer necessary, nor recommended, to use an external 2-
bit ECC to detect copy back operation errors.
The devices have a cache read feature that improves the read throughput for large files.
During cache reading, the device loads the data in a Cache Register while the previous data
is transferred to the I/O buffers to be read.
The devices have the Chip Enable ‘don’t care’ feature, which allows code to be directly
downloaded by a microcontroller. This is possible because Chip Enable transitions during
the latency time do not stop the read operation.
Both the NAND04G-B2D and NAND08G-BxC support the ONFI 1.0 specification.


Similar Part No. - NAND04GR3B2CZL1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND04GR3B STMICROELECTRONICS-NAND04GR3B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results

Similar Description - NAND04GR3B2CZL1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com