Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMSXXXFF Datasheet(PDF) 4 Page - Numonyx B.V

Part # SMSXXXFF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXFF Datasheet(HTML) 4 Page - Numonyx B.V

  SMSXXXFF Datasheet HTML 1Page - Numonyx B.V SMSXXXFF Datasheet HTML 2Page - Numonyx B.V SMSXXXFF Datasheet HTML 3Page - Numonyx B.V SMSXXXFF Datasheet HTML 4Page - Numonyx B.V SMSXXXFF Datasheet HTML 5Page - Numonyx B.V SMSXXXFF Datasheet HTML 6Page - Numonyx B.V SMSXXXFF Datasheet HTML 7Page - Numonyx B.V SMSXXXFF Datasheet HTML 8Page - Numonyx B.V SMSXXXFF Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Contents
SMSxxxAF, SMSxxxFF, SMSxxxBF
4/61
7.6.2
Data Write Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
9
Part numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Appendix A
Power supply decoupling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60


Similar Part No. - SMSXXXFF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
323Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
   Precision resistors
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
334Kb / 4P
   Print and SMD Switch Short Stroke 11.4 mm
04.01.2022
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMSXXXFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com