Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDL300E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FDL300E
Description  Fiber Optic Transceiver Solution for Seamless Digital to Light/ Light to Digital Conversion
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDL300E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FDL300E Datasheet HTML 1Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 2Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 3Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 4Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 5Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 6Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 7Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 8Page - List of Unclassifed Manufacturers FDL300E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FDL300E/FDL300D (Preliminary) Revision P13
Firecomms assumes no responsibility for inaccuracies or omissions in the information
contained in this document. Specifications are subject to change without notice.
No patent rights are granted to any of the circuits described herein.
FDL300E/FDL300D
Page 5
RECEIVER ELECTRICAL CHARACTERISTICS
Parameter
Minimum
Typical
Maximum
Unit
Vcc
3.0
3.3
3.6
V
Icc (Normal Operation)
45
mA
Icc - Sleep State
20
uA
Output Impedence Between D and D
100
Offset Voltage for LVDS
1.2
V
Differential Output Voltage (LVDS)
300
400
mV
SD (Signal Detect) On Output Voltage
2.4
V
SD (Signal Detect) Off Output Voltage
0
0.4
V
SD (Signal Detect) Assert Level
-28
-27
-24
dBm
SD (Signal Detect) Deassert Level
-32
-29
-24.5
dBm
SD (Signal Detect) Assert Time
0.6
5
100
us
SD (Signal Detect) Deassert Time
0.6
5
100
us
High Level Output Voltage
1.475
V
Low Level Output Voltage
0.925
V
Maximum Systematic Jitter,
1200
ps p-p
Electrical Output at TP4 (S200)[1]
Maximum Random Jitter,
700
ps p-p
Electrical Output at TP4 (S200)[1]
Note:
1. TP4, test point 4, is the electical interface of the receiver which corresponds to the standard as set in IEEE 1394b and IDB-1394 standards.


Similar Part No. - FDL300E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FDL MSYSTEM-FDL Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-K MSYSTEM-FDL-24-K Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-K/Q MSYSTEM-FDL-24-K/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L MSYSTEM-FDL-24-L Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDL-24-L/Q MSYSTEM-FDL-24-L/Q Datasheet
94Kb / 2P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FDL300E

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2584TSV AMSCO-TSL2584TSV Datasheet
807Kb / 33P
   Light-to-Digital Device
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com