Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC512AFY6 Datasheet(PDF) 10 Page - Numonyx B.V

Part # SMC512AFY6
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC512AFY6 Datasheet(HTML) 10 Page - Numonyx B.V

Back Button SMC512AFY6 Datasheet HTML 6Page - Numonyx B.V SMC512AFY6 Datasheet HTML 7Page - Numonyx B.V SMC512AFY6 Datasheet HTML 8Page - Numonyx B.V SMC512AFY6 Datasheet HTML 9Page - Numonyx B.V SMC512AFY6 Datasheet HTML 10Page - Numonyx B.V SMC512AFY6 Datasheet HTML 11Page - Numonyx B.V SMC512AFY6 Datasheet HTML 12Page - Numonyx B.V SMC512AFY6 Datasheet HTML 13Page - Numonyx B.V SMC512AFY6 Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Description
SMCxxxAF
10/82
1
Description
The CompactFlash is a small form factor non-volatile memory card which provides high
capacity data storage. Its aim is to capture, retain and transport data, audio and images,
facilitating the transfer of all types of digital information between a large variety of digital
systems.
The card operates in three basic modes,
PCMCIA I/O mode
PCMCIA memory mode
True IDE mode
It conforms to the PC card specification when operating in the PCMCIA I/O mode and
PCMCIA memory mode (Personal Computer Memory Card International Association
standard, JEIDA in Japan) and to the ATA specification when operating in True IDE mode.
CompactFlash cards can be used with passive adapters in a PC-card type II or type III
socket.
The card has an internal intelligent controller which manages interface protocols, data
storage and retrieval as well as error correcting code (ECC), defect handling, diagnostics
and clock control. Once the card has been configured by the host, it behaves as a standard
ATA (IDE) disk drive.
The card has a super cap on VCC and a powerful power-loss management feature to
prevent data corruption after power-down.
The specification has been realized and approved by the CompactFlash association (CFA).
This non-proprietary specification enables users to develop CF products that function
correctly and are compatible with future CF design.
The system highlights are shown in Table 2, Table 3, Table 4, Table 5, Table 6 and Table 7.
Related documentation
PCMCIA PC card standard, 1995
PCMCIA PC card ATA specification, 1995
AT attachment interface document, American National Standards Institute, X3.221-
1994
CF+ and CompactFlash specification revision 2.0.


Similar Part No. - SMC512AFY6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMC512BF NUMONYX-SMC512BF Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC512BFY6 STMICROELECTRONICS-SMC512BFY6 Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMC512BFY6 NUMONYX-SMC512BFY6 Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC512BFY6E STMICROELECTRONICS-SMC512BFY6E Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMC512BFY6E NUMONYX-SMC512BFY6E Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results

Similar Description - SMC512AFY6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Hitachi Semiconductor
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com