Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND16GW3C4AN1F Datasheet(PDF) 9 Page - Numonyx B.V

Part # NAND16GW3C4AN1F
Description  8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND16GW3C4AN1F Datasheet(HTML) 9 Page - Numonyx B.V

Back Button NAND16GW3C4AN1F Datasheet HTML 5Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 6Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 7Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 8Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 9Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 10Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 11Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 12Page - Numonyx B.V NAND16GW3C4AN1F Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
NAND08GW3C2A, NAND16GW3C2A
Description
9/58
Figure 2.
Logic diagram
1.
E2 and RB2 are only present in the NAND16GW3C4A.
Table 2.
Signal names
Signal
Function
Direction
I/O0 - I/O7
Data input/outputs(1)
1.
On the LGA52 package, each 8-Gbit die is accessed and controlled via two sets of I/Os and control
signals.
Input/output
CL
Command Latch Enable
Input
AL
Address Latch Enable
Input
E1, E2
Chip Enable(2)
Input
R
Read Enable
Input
W
Write Enable
Input
WP
Write Protect
Input
RB1, RB2
Ready/Busy (open drain output)(2)
2.
E2 and RB2 are only present in the NAND16GW3C4A.
Output
VDD
Power supply
Power supply
VSS
Ground
Ground
NC
No connection
DU
Do not use
AI13632b
I/O0 - I/O7 x8
VDD
NAND Flash
W
VSS
WP
AL
CL
E1
R
RB1
E2
RB2


Similar Part No. - NAND16GW3C4AN1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GW3C4B NUMONYX-NAND16GW3C4B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4BN1E NUMONYX-NAND16GW3C4BN1E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4BN1F NUMONYX-NAND16GW3C4BN1F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4BN6E NUMONYX-NAND16GW3C4BN6E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4BN6F NUMONYX-NAND16GW3C4BN6F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results

Similar Description - NAND16GW3C4AN1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com