Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5534D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SA5534D
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA5534D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SA5534D Datasheet HTML 2Page - Texas Instruments SA5534D Datasheet HTML 3Page - Texas Instruments SA5534D Datasheet HTML 4Page - Texas Instruments SA5534D Datasheet HTML 5Page - Texas Instruments SA5534D Datasheet HTML 6Page - Texas Instruments SA5534D Datasheet HTML 7Page - Texas Instruments SA5534D Datasheet HTML 8Page - Texas Instruments SA5534D Datasheet HTML 9Page - Texas Instruments SA5534D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
1
0.8
0.6
0.4
−75 −50
−25
0
25
50
1.2
1.4
NORMALIZED INPUT BIAS CURRENT
AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
1.6
75
100
125
TA − Free-Air Temperature − °C
VCC± = ±15 V
Offset
Bias
Figure 2
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
30
25
20
15
10
5
0
VCC± = ±15 V
TA = 25°C
CC = 22 pF
CC = 47 pF
CC = 0
Figure 3
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
f − Frequency − Hz
VCC± = ±15 V
TA = 25°C
CC = 0 pF
CC = 22 pF
106
105
104
103
102
10
1
10
100
1 k
10 k
100 k
1 M
10 M 100 M
Figure 4
0.8
0.6
0.5
0.4
05
10
1
1.1
NORMALIZED SLEW RATE AND
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
1.2
15
20
0.9
0.7
| VCC± | − Supply Voltage − V
TA = 25°C
Unity-Gain
Bandwidth
Slew Rate
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - SA5534D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA5534D TI-SA5534D Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534D TI-SA5534D Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
SA5534D TI-SA5534D Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
SA5534D TI1-SA5534D Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise Operational Amplifiers
SA5534DE4 TI-SA5534DE4 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - SA5534D

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com