Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS01GAFA5E Datasheet(PDF) 10 Page - Numonyx B.V

Part # SMS01GAFA5E
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAFA5E Datasheet(HTML) 10 Page - Numonyx B.V

Back Button SMS01GAFA5E Datasheet HTML 6Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 7Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 8Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 9Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 10Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 11Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 12Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 13Page - Numonyx B.V SMS01GAFA5E Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Description
SMSxxxAF, SMSxxxFF, SMSxxxBF
10/61
Table 6.
System reliability and maintenance
MTBF(1)
1.
MTBF = Mean Time Between Failures.
>1,000,000hrs
Preventive Maintenance
None
Data Reliability
1 non-recoverable bit in 1014 bit read
Endurance
>2,000,000 Program/Erase Cycles


Similar Part No. - SMS01GAFA5E

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SMS01 CARLOGAVAZZI-SMS01 Datasheet
191Kb / 3P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Power-One
SMS012YE POWER-ONE-SMS012YE Datasheet
304Kb / 3P
   12 WATT
SMS012YG POWER-ONE-SMS012YG Datasheet
304Kb / 3P
   12 WATT
SMS012ZE POWER-ONE-SMS012ZE Datasheet
304Kb / 3P
   12 WATT
SMS012ZG POWER-ONE-SMS012ZG Datasheet
304Kb / 3P
   12 WATT
More results

Similar Description - SMS01GAFA5E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com