Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230P133G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1230P133G
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230P133G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1230P133G Datasheet HTML 5Page - ON Semiconductor NCP1230P133G Datasheet HTML 6Page - ON Semiconductor NCP1230P133G Datasheet HTML 7Page - ON Semiconductor NCP1230P133G Datasheet HTML 8Page - ON Semiconductor NCP1230P133G Datasheet HTML 9Page - ON Semiconductor NCP1230P133G Datasheet HTML 10Page - ON Semiconductor NCP1230P133G Datasheet HTML 11Page - ON Semiconductor NCP1230P133G Datasheet HTML 12Page - ON Semiconductor NCP1230P133G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NCP1230
http://onsemi.com
9
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
700
725
750
775
800
TJ, JUNCTION TEMPERATURE (°C)
1.10
1.15
1.20
1.30
1.35
1.40
125
100
75
50
25
0
-25
-50
1.5
2.0
2.5
3.5
4.0
150
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
150
150
VCC = 13 V
3.0
VCC = 13 V
1.25
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 17. Vskip vs. Temperature
Figure 18. Vstby-out vs. Temperature
Figure 19. Soft-Start vs. Temperature
Figure 20. Frequency (65 kHz) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
50
60
70
80
150
VCC = 13 V
55
65
75
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
90
94
98
106
110
150
VCC = 13 V
102
Figure 21. Frequency (100 kHz) vs. Temperature
Figure 22. Frequency (133 kHz) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
125
129
133
141
145
150
VCC = 13 V
137


Similar Part No. - NCP1230P133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230P133G ONSEMI-NCP1230P133G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230P133G ONSEMI-NCP1230P133G Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
More results

Similar Description - NCP1230P133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com