Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND16GW3C4B Datasheet(PDF) 8 Page - Numonyx B.V

Part # NAND16GW3C4B
Description  8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND16GW3C4B Datasheet(HTML) 8 Page - Numonyx B.V

Back Button NAND16GW3C4B Datasheet HTML 4Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 5Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 6Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 7Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 8Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 9Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 10Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 11Page - Numonyx B.V NAND16GW3C4B Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
1 Description
NAND08GW3C2B, NAND16GW3C4B
8/60
Figure 1.
Logic block diagram
1.
E2 and RB2 are only present in the NAND16GW3C4B.
Table 1.
Device summary
Part number
Density
Bus
width
Page
size
Block
size
Memory
array
Operating
voltage
(VDD)
Timings
Package
Random
access
time
(max)
Sequential
access
time (min)
Page
program
(typ)
Block
erase
(typ)
NAND08GW3
C2B
8 Gb
x8
2048+
64
bytes
256K
+ 8 K
bytes
128
pages x
4096
blocks
2.7 to
3.6 V
25 ns
60 µs
800 µs
2.5
ms
TSOP48
ULGA52
NAND16GW3
C4B(1)
16 Gb
128
pages x
8192
blocks
TSOP48
ULGA52
1.
The NAND16GW3C4B is composed of two 8-Gbit dice.
Address
register/counter
Command
interface
logic
P/E/R controller
high voltage
generator
Buffers
E1
W
AI13296b
R
Y decoder
Page buffer
NAND Flash
memory array
Command register
CL
AL
RB1
Data register
I/O
WP
E2
RB2


Similar Part No. - NAND16GW3C4B

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GW3C4A NUMONYX-NAND16GW3C4A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4AN1E NUMONYX-NAND16GW3C4AN1E Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4AN1F NUMONYX-NAND16GW3C4AN1F Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4AN6E NUMONYX-NAND16GW3C4AN6E Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C4AN6F NUMONYX-NAND16GW3C4AN6F Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results

Similar Description - NAND16GW3C4B

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com