Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230D165R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1230D165R2G
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230D165R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1230D165R2G Datasheet HTML 1Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 2Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 3Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 4Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 5Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 6Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 7Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 8Page - ON Semiconductor NCP1230D165R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCP1230
http://onsemi.com
4
MAXIMUM RATINGS (Notes 1 and 2)
Rating
Symbol
Value
Unit
Maximum Voltage on Pin 8
Maximum Current
VDS
IC2
-0.3 to 500
100
V
mA
Power Supply Voltage, Pin 6
Current
VCC
ICC2
-0.3 to 18
100
V
mA
Drive Output Voltage, Pin 5
Drive Current
VDV
Io
18
1.0
V
A
Voltage Current Sense Pin, Pin 3
Current
Vcs
Ics
10
100
V
mA
Voltage Feedback, Pin 2
Current
Vfb
Ifb
10
100
V
mA
Voltage, Pin 1
Maximum Continuous Current Flowing from Pin 1
VPFC
IPFC
18
35
V
mA
Thermal Resistance, Junction-to-Air, PDIP Version
RqJA
100
°C/W
Thermal Resistance, Junction-to-Air, SOIC Version
RqJA
178
°C/W
Maximum Power Dissipation @ TA = 25°C
PDIP
SOIC
Pmax
1.25
0.702
W
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
-60 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Pin 1-6: Human Body Model 2000 V per Mil-Std-883, Method 3015.
Machine Model Method 200 V
Pin 8 is the HV startup of the device and is rated to the maximum rating of the part, or 500 V.
2. This device contains latchup protection and exceeds 100 mA per JEDEC Standard JESD78.
ORDERING INFORMATION
Device
Package
Shipping
NCP1230D165R2G
SOIC-7
(Pb-Free)
2500 / Tape & Reel
NCP1230D65R2
SOIC-8
2500 / Tape & Reel
NCP1230D65R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
NCP1230D100R2
SOIC-8
2500 / Tape & Reel
NCP1230D100R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
NCP1230D133R2
SOIC-8
2500 / Tape & Reel
NCP1230D133R2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
NCP1230P65
PDIP-7
50 Units/ Rail
NCP1230P65G
PDIP-7
(Pb-Free)
50 Units/ Rail
NCP1230P100
PDIP-7
50 Units/ Rail
NCP1230P100G
PDIP-7
(Pb-Free)
50 Units/ Rail
NCP1230P133
PDIP-7
50 Units/ Rail
NCP1230P133G
PDIP-7
(Pb-Free)
50 Units/ Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP1230D165R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230D165R2G ONSEMI-NCP1230D165R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D165R2G ONSEMI-NCP1230D165R2G Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
More results

Similar Description - NCP1230D165R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com