Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEUV-C31A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LEUV-C31A
Description  Low current application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEUV-C31A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LEUV-C31A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 2Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 3Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 4Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 5Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 6Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 7Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 8Page - List of Unclassifed Manufacturers LEUV-C31A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PAGE
2/5
4. Absolute Maximum Rating
Forward Current
Forward Current
Forward Current
Forward Current
Pulse Forward Current
Pulse Forward Current
Pulse Forward Current
Pulse Forward Current 1)
1)
1)
1)
Reverse Voltage
Reverse Voltage
Reverse Voltage
Reverse Voltage
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
If
If
If
If
Ifp
Ifp
Ifp
Ifp
Vr
Vr
Vr
Vr
Condition
Condition
Condition
Condition
30
30
30
30
Unit
Unit
Unit
Unit
mA
mA
mA
mA
V
V
V
V
5
5
5
5
Power Dissipation
Power Dissipation
Power Dissipation
Power Dissipation
mW
mW
mW
mW
Pd
Pd
Pd
Pd
120
120
120
120
Operating Temperature
Operating Temperature
Operating Temperature
Operating Temperature
Topr
Topr
Topr
Topr
-
-
-
-30 ~ +80
30 ~ +80
30 ~ +80
30 ~ +80
100
100
100
100
Tstg
Tstg
Tstg
Tstg
-
-
-
-40 ~ +100
40 ~ +100
40 ~ +100
40 ~ +100
3.
3.
3.
3. Chip
Chip
Chip
Chip’s Physical Structure :
s Physical Structure :
s Physical Structure :
s Physical Structure :
Substrate
Substrate
Substrate
Substrate
Sapphire
Sapphire
Sapphire
Sapphire
Chip Characteristics
Chip Characteristics
Chip Characteristics
Chip Characteristics
Orientation
Orientation
Orientation
Orientation
(0001)
(0001)
(0001)
(0001)
±
±
±
±0.5
0.5
0.5
0.5
˚
˚
˚
˚c
c
c
c-
-
-
-plane
plane
plane
plane
Chip size
0.375 x 0.330
Chip size
0.375 x 0.330
Chip size
0.375 x 0.330
Chip size
0.375 x 0.330
±
±
±
±0.03mm
0.03mm
0.03mm
0.03mm
Thickness
Thickness
Thickness
Thickness
80
80
80
80
±
±
±
± 20
20
20
20
5. Electro-Optical Characteristics :
Forward Voltage
Forward Voltage
Forward Voltage
Forward Voltage
Reverse current
Reverse current
Reverse current
Reverse current
Dominant Wavelength
Dominant Wavelength
Dominant Wavelength
Dominant Wavelength
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Vf
Vf
Vf
Vf
Ir
Ir
Ir
Ir
Wp
Wp
Wp
Wp
Condition
Condition
Condition
Condition
If = 20mA
If = 20mA
If = 20mA
If = 20mA
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Unit
Unit
Unit
Unit
390
V
V
V
V
μ
μ
μ
μA
A
A
A
nm
nm
nm
nm
If = 20mA
If = 20mA
If = 20mA
If = 20mA
((((Ta=25
Ta=25
Ta=25
Ta=25
℃))))
(1)
(1)
(1)
(1) Luminous Intensity is measured by
Luminous Intensity is measured by
Luminous Intensity is measured by
Luminous Intensity is measured by
equipment on bare chip. However, the electrical
equipment on bare chip. However, the electrical
equipment on bare chip. However, the electrical
and optical characteristics on lamps made from our chips is
and optical characteristics on lamps made from our chips is
and optical characteristics on lamps made from our chips is
and optical characteristics on lamps made from our chips is not guaranteed.
not guaranteed.
not guaranteed.
not guaranteed.
10
10
10
10
405
Luminous Intensity
Luminous Intensity
Luminous Intensity
Luminous Intensity (1)
(1)
(1)
(1)
Iv
Iv
Iv
Iv
mW
mW
mW
mW
If = 20mA
If = 20mA
If = 20mA
If = 20mA
Vr
Vr
Vr
Vr = 5.0 V
= 5.0 V
= 5.0 V
= 5.0 V
mA
mA
mA
mA
Storage Temperature
Storage Temperature
Storage Temperature
Storage Temperature
1)
1)
1)
1) Pulse Width<10msec, Duty<1/10
Pulse Width<10msec, Duty<1/10
Pulse Width<10msec, Duty<1/10
Pulse Width<10msec, Duty<1/10
A
MODEL
LEUV-C31A
2.0
2.0
2.0
2.0
4.0
4.0
4.0
4.0


Similar Part No. - LEUV-C31A

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LEU-100V PAIRUI-LEU-100V Datasheet
529Kb / 4P
   Constant voltage LED Drivers
LEU-100V PAIRUI-LEU-100V Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LEU-100V PAIRUI-LEU-100V_16 Datasheet
469Kb / 9P
   Constant Voltage LED Power Supplies
LEU-12V PAIRUI-LEU-12V Datasheet
470Kb / 9P
   Constant Voltage LED Power Su
LEU-20C PAIRUI-LEU-20C Datasheet
494Kb / 4P
   Constant current LED Drivers
More results

Similar Description - LEUV-C31A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SPS8050 KODENSHI-SPS8050 Datasheet
204Kb / 4P
   Low saturation medium current application
BC808 KODENSHI-BC808 Datasheet
265Kb / 4P
   High current application
SBC338 KODENSHI-SBC338 Datasheet
197Kb / 4P
   High current application
BC807 KODENSHI-BC807 Datasheet
265Kb / 4P
   High current application
BC807F KODENSHI-BC807F Datasheet
274Kb / 4P
   High current application
BC808F KODENSHI-BC808F Datasheet
274Kb / 4P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
BC817F KODENSHI-BC817F Datasheet
239Kb / 4P
   High current application
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com