Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM61BIM3X Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM61BIM3X
Description  Engineering Project Manager
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM61BIM3X Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM61BIM3X Datasheet HTML 1Page - National Semiconductor (TI) LM61BIM3X Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Use
Material
Cd
CrVl
Pb
Hg
PBB
PBDE
Ref #
Device
CHIP
<1
<1
<1
<1
<1
<1
1000
COMPOUND
<2
<2
<2
<2
<100
<100
637
EPOXY
<2
<5
<5
<1
<10
<10
32
EXTLF
<2
<5
53
<1
<10
<10
595
FRAME
<2
<2
<2
<2
NA
NA
500
WIRE
<2
<5
<5
<1
<10
<10
75
Ref #
1000
Analysis on 04/17/2007 by Balazs Analytical Services-Freemont CA per Report# 07-01051-07
32
Analysis on 05/16/2007 by ALS per Report# ATJB/3488BS/2007
75
Analysis on 05/16/2007 by ALS per Report# ATJB/3490BS/2007
500
Analysis on 03/13/2007 by SGS per Report# LPCI/05150/07
595
Analysis on 05/16/2007 by ALS per Report# ATJB/3476BS/2007
637
Analysis on 06/04/2007 by SGS per Report# LPCI/10324/07
Banned Substance Monitoring
* Unless otherwise noted, units are in PPM (parts-per-million)
* Cd: Cadmium, CrVI: Hexavalent Chromium, Pb: Lead, Hg: Mercury, ND: Not Detected
3rd Party Analysis (available upon request, subject to a non-disclosure agreement)
Document Date
17-Feb-2008
Part Number
LM61BIM3X
NOPB
European RoHS Compliant.
China RoHS Compliant
National Semiconductor
Page 2 of 2


Similar Part No. - LM61BIM3X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM61BIM3X NSC-LM61BIM3X Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3X NSC-LM61BIM3X Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM61BIM3X TI-LM61BIM3X Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3X/NOPB TI1-LM61BIM3X/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM61BIM3X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3071N-G NSC-TP3071N-G Datasheet
84Kb / 3P
   Engineering Project Manager
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
LM4863MX NSC-LM4863MX Datasheet
24Kb / 2P
   Engineering Project Manager
TP3054WMX NSC-TP3054WMX Datasheet
84Kb / 3P
   Engineering Project Manager
TL082CMX NSC-TL082CMX Datasheet
84Kb / 3P
   Engineering Project Manager
logo
PHOENIX CONTACT
2988667 PHOENIX-2988667 Datasheet
50Kb / 2P
   Software - PROJECT
logo
Dialog Semiconductor
SLG7NT41563 DIALOG-SLG7NT41563 Datasheet
1Mb / 14P
   Fog Project
logo
Energizer
TUF4AAPE ENERGIZER-TUF4AAPE Datasheet
306Kb / 1P
   LED Project Light
INL2AAE ENERGIZER-INL2AAE Datasheet
154Kb / 1P
   LED Project Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com