Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL-1284-82 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL-1284-82
Description  POWER LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-1284-82 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL-1284-82 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-1284-82 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-1284-82 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL-1284-82 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL-1284-82 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RENCO ELECTRONICS, INC.
595 International Place, Rockledge, FL 32955-4200 USA
(321) 637-1000 • Toll Free Engineering Hot line 800-645-5828
SINCE 1955
Fax: (321) 637-1600
Web Site:www.rencousa.com
E-mail:sales@rencousa.com
14
RL-1282
Renco Part No.
RL-1282-3.9
RL-1282-4.7
RL-1282-5.6
RL-1282-6.8
RL-1282-8.2
RL-1282-10
RL-1282-12
RL-1282-15
RL-1282-18
RL-1282-22
RL-1282-27
RL-1282-33
RL-1282-39
RL-1282-47
RL-1282-56
RL-1282-68
RL-1282-82
RL-1282-100
RL-1282-120
RL-1282-150
RL-1282-180
RL-1282-220
RL-1282-270
RL-1282-330
RL-1282-390
RL-1282-470
RL-1282-560
RL-1282-680
RL-1282-820
RL-1282-1000
RL-1282-1200
RL-1282-1500
RL-1282-1800
RL-1282-2200
RL-1282-2700
RL-1282-3300
RL-1282-3900
RL-1282-4700
RL-1282-5600
RL-1282-6800
RL-1282-8200
RL-1282-10000
RL-1282-12000
RL-1282-15000
RL-1282-18000
RL-1282-22000
RL-1282-27000
RL-1282-33000
RL-1282-39000
RL-1282-47000
RL-1282-56000
RL-1282-68000
RL-1282-82000
RL-1282-100000
RL-1282-120000
RL-1282-150000
Inductance
at 0 DC (
µH)
Max.
DCR
(Ohms)
@ +20
°C
Saturation
Current
(DC Amps)
Suggested
Rated
Current
(Amps)
.007
.008
.009
.010
.011
.012
.013
.014
.015
.016
.017
.021
.023
.025
.028
.039
.043
.055
.076
.084
.096
.108
.151
.168
.182
.202
.348
.470
.500
.570
.648
0.888
1.16
1.20
1.44
1.92
2.16
2.50
3.20
4.00
5.20
6.00
8.00
10.00
11.00
13.00
15.00
21.00
23.20
32.00
35.00
48.00
54.30
68.50
75.00
84.30
NOTES:
1. Inductance
± 15% measured at 1 kHz.
2. Saturation current lowers inductance 5%.
3. Coils finished with sleeving VW1 rated.
4. Max. temperature range -55
°C to + 130°C.
5. 10% and 5% tolerances optional.
6. For applications over 24 Volts verify
operation with sample in actual circuit.
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
3.9
4.7
5.6
6.8
8.2
47.0
42.0
35.0
29.0
24.0
19.0
16.0
14.8
13.4
12.4
11.2
10.2
9.3
8.7
8.0
7.0
6.3
5.7
5.3
4.7
4.3
4.0
3.6
3.2
2.9
2.6
2.4
2.2
2.0
1.8
1.70
1.55
1.40
1.25
1.10
1.000
0.900
0.850
0.780
0.700
0.650
0.600
0.540
0.480
0.460
0.390
0.355
0.330
0.300
0.270
0.175
0.145
0.120
0.100
0.080
0.060
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
4.7
4.7
3.8
3.0
3.0
3.0
3.0
2.3
2.3
2.3
2.3
1.4
1.2
1.2
1.2
1.200
0.900
0.750
0.750
0.750
0.590
0.590
0.590
0.450
0.450
0.350
0.350
0.270
0.200
0.200
0.200
0.200
0.160
0.160
0.120
0.120
0.095
0.095
0.070
0.070
0.070


Similar Part No. - RL-1284-82

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1284-82 RENCO-RL-1284-82 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284-820 RENCO-RL-1284-820 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284-8200 RENCO-RL-1284-8200 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results

Similar Description - RL-1284-82

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com