Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1668 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1668
Description  Multichannel Remote/Local Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1668 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1668 Datasheet HTML 6Page - Maxim Integrated Products MAX1668 Datasheet HTML 7Page - Maxim Integrated Products MAX1668 Datasheet HTML 8Page - Maxim Integrated Products MAX1668 Datasheet HTML 9Page - Maxim Integrated Products MAX1668 Datasheet HTML 10Page - Maxim Integrated Products MAX1668 Datasheet HTML 11Page - Maxim Integrated Products MAX1668 Datasheet HTML 12Page - Maxim Integrated Products MAX1668 Datasheet HTML 13Page - Maxim Integrated Products MAX1668 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
is received while a conversion is in progress, the conver-
sion cycle is truncated, and the data from that conversion
is not latched into either temperature reading register. The
previous data is not changed and remains available.
In standby mode, supply current drops to about 3µA.
At very low supply voltages (under the power-on-reset
threshold), the supply current is higher due to the
address pin bias currents. It can be as high as 100µA,
depending on ADD0 and ADD1 settings.
SMBus Digital Interface
From a software perspective, the MAX1668/MAX1805
appear as a set of byte-wide registers that contain tem-
perature data, alarm threshold values, or control bits. A
standard SMBus 2-wire serial interface is used to read
temperature data and write control bits and alarm thresh-
old data. Each A/D channel within the devices responds
to the same SMBus slave address for normal reads and
writes.
The MAX1668/MAX1805 employ four standard SMBus
protocols: Write Byte, Read Byte, Send Byte, and Receive
Byte (Figure 3). The shorter Receive Byte protocol allows
quicker transfers, provided that the correct data register
was previously selected by a Read Byte instruction. Use
caution with the shorter protocols in multimaster systems,
since a second master could overwrite the command
byte without informing the first master.
The temperature data format is 7 bits plus sign in two’s-com-
plement form for each channel, with each data bit represent-
ing 1°C (Table 2), transmitted MSB first. Measurements are
offset by +1/2°C to minimize internal rounding errors; for
example, +99.6°C is reported as +100°C.
Alarm Threshold Registers
Ten (six for MAX1805) registers store alarm threshold
data, with high-temperature (THIGH) and low-tempera-
ture (TLOW) registers for each A/D channel. If either
measured temperature equals or exceeds the corre-
sponding alarm threshold value, an ALERT interrupt is
asserted.
The power-on-reset (POR) state of all THIGH registers is
full scale (0111 1111, or +127°C). The POR state of all
TLOW registers is 1100 1001 or -55°C.
Multichannel Remote/Local
Temperature Sensor
10
______________________________________________________________________________________
ACK
7 bits
ADDRESS
ACK
WR
8 bits
DATA
ACK
1
P
8 bits
S
COMMAND
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
ACK
7 bits
ADDRESS
ACK
WR
S
ACK
8 bits
DATA
7 bits
ADDRESS
RD
8 bits
///
P
S
COMMAND
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
ACK
7 bits
ADDRESS
WR
8 bits
COMMAND
ACK
P
S
ACK
7 bits
ADDRESS
RD
8 bits
DATA
///
P
S
Command Byte: sends com-
mand with no data
Data Byte: This command only
works immediately following a
Read Byte. Reads data from the
register commanded by that last
Read Byte; also used for SMBus
Alert Response return address
S = Start condition
Shaded = Slave transmission
P = Stop condition
/// = Not acknowledged
Figure 3. SMBus Protocols


Similar Part No. - MAX1668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668-MAX1989 MAXIM-MAX1668-MAX1989 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668EVKIT MAXIM-MAX1668EVKIT Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
MAX1668MEE MAXIM-MAX1668MEE Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
More results

Similar Description - MAX1668

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_03 Datasheet
514Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com