Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHAP3362A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PHAP3362A
Description  Tact switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3362A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PHAP3362A Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 9Page - List of Unclassifed Manufacturers PHAP3362A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
C-8
APEM
www.apem.com
PHAP33 series
SMT tact switches
Normally closed - 7,6 x 7,6 mm case
C
PACKAGING
LABEL
(13.00 DIA)
Ø330.00
(.512 DIA)
Ø13.00
(.059 DIA)
Ø1.50
18.00
(.157)
(.079)
2.00
(.709)
(.472)
12.00
(.079)
2.00
4.00
(.181)
4.60
Normally closed
• Compact size for board space saving : 7,6 x 7,6 mm case,
4,3 mm button height from PCB
• Reflow solderable
• Standard PCB layout
(.169)
4.30
(.137)
3.50
3
4
1
2
4
31
2
(.039)
1.00
(.177)
4.50
(.299)
7.60
0.70
(.028)
(.177)
4.50
Model No
PHAP3378R
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
Quantity per reel : 1.000 pieces


Similar Part No. - PHAP3362A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAP4383V ETC2-PHAP4383V Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4683 ETC2-PHAP4683 Datasheet
272Kb / 2P
   Momentary or latching action key switches
More results

Similar Description - PHAP3362A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com