Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1042BETX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1042BETX
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1042BETX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1042BETX Datasheet HTML 3Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 4Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 5Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 6Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 7Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 8Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 9Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 10Page - Maxim Integrated Products MAX1042BETX Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 3.6V (MAX1041/MAX1043/MAX1047/MAX1049), external reference VREF = 2.5V (MAX1041/MAX1043/
MAX1047/MAX1049), AVDD = DVDD = 4.75V to 5.25V (MAX1040/MAX1042/MAX1046/MAX1048), external reference VREF = 4.096V
(MAX1040/MAX1042/MAX1046/MAX1048), fSCLK = 4.8MHz (50% duty cycle), TA = -40°C to +85°C, unless otherwise noted. Typical
values are at AVDD = DVDD = 3V (MAX1041/MAX1043/MAX1047/MAX1049), AVDD = DVDD = 5V (MAX1040/MAX1042/
MAX1046/MAX1048), TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AVDD = 2.7V to 3.6V (MAX1041/
MAX1043/MAX1047/MAX1049)
±0.1
±0.5
DAC Positive-Supply Rejection
PSRD
Output
code =
FFFhex AVDD = 4.75V to 5.25V (MAX1040/
MAX1042/MAX1046/MAX1048)
±0.1
±0.5
mV
AVDD = 2.7V to 3.6V (MAX1041/
MAX1043/MAX1047/MAX1049)
±0.06
±0.5
ADC Positive-Supply Rejection
PSRA
Full-
scale
input
AVDD = 4.75V to 5.25V (MAX1040/
MAX1042/MAX1046/MAX1048)
±0.06
±0.5
mV
TIMING CHARACTERISTICS (Figures 6–13)
SCLK Clock Period
tCP
40
ns
SCLK Pulse-Width High
tCH
40/60 duty cycle
16
ns
SCLK Pulse-Width Low
tCL
60/40 duty cycle
16
ns
GPIO Output Rise/Fall After
CS Rise
tGOD
CLOAD = 20pF
100
ns
GPIO Input Setup Before
CS Fall
tGSU
0ns
LDAC Pulse Width
tLDACPWL
20
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Fall to DOUT Transition
(Note 16)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CLOAD = 20pF, SLOW = 0
1.8
12.0
SCLK Rise to DOUT Transition
(Notes 16, 17)
tDOT
CLOAD = 20pF, SLOW = 1
10
40
ns
CS Fall to SCLK Fall Setup Time
tCSS
10
ns
SCLK Fall to
CS Rise Setup TimetCSH
0ns
DIN to SCLK Fall Setup Time
tDS
10
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse-Width High
tCSPWH
50
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF
25
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 20pF
1.5
25.0
ns
EOC Fall to CS Fall
tRDS
30
ns
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference on
55
CKSEL = 01 (temp sense) or CKSEL =
10 (temp sense), internal reference
initially off
120
CKSEL = 01 (voltage conversion)
8
CKSEL = 10 (voltage conversion),
internal reference on
8
CS or CNVST Rise to EOC Fall
tDOV
CKSEL = 10 (voltage conversion),
internal reference initially off
80
µs


Similar Part No. - MAX1042BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1042BETX MAXIM-MAX1042BETX Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
More results

Similar Description - MAX1042BETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com