Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08KA8 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9RS08KA8
Description  MCU Block Diagram
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KA8 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9RS08KA8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MC9RS08KA8 Series, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
8
3.6
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power supply current in various
operating modes.
Table 6. ESD and Latch-Up Protection Characteristics
No.
Rating1
1 Parameter is achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted.
Symbol
Min
Max
Unit
1
Human body model (HBM)
VHBM
±2000
V
2
Machine model (MM)
VMM
±200
V
3
Charge device model (CDM)
VCDM
±500
V
4
Latch-up current at TA = 85°C
(applies to all pins except pin 9
PTC3/ADP11)
ILAT
±1002
2 These pins meet JESD78A Class II (section 1.2) Level A (section 1.3) requirement of
±100mA.
—mA
Latch-up current at TA = 85°C
(applies to pin 9 PTC3/ADP11)
ILAT
±753
3 This pin meets JESD78A Class II (section 1.2) Level B (section 1.3) characterization to
±75mA.
This pin is only present on 20 pin package types.
—mA
Table 7. DC Characteristics
(Temperature Range = –40 to 85
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit
Supply voltage (run, wait and stop modes.)
0 < fBus <10MHz
V
DD
1.8
5.5
V
Minimum RAM retention supply voltage applied to VDD
VRAM
0.81
——
V
Low-voltage Detection threshold
(VDD falling)
(VDD rising)
VLVD
1.80
1.88
1.86
1.94
1.95
2.03
V
Power on RESET (POR) voltage
VPOR
1
0.9
1.7
V
Input high voltage (VDD > 2.3V) (all digital inputs)
VIH
0.70
× V
DD
——
V
Input high voltage (1.8 V
≤ V
DD ≤ 2.3 V) (all digital inputs)
VIH
0.85
× V
DD
——
V
Input low voltage (VDD > 2.3 V) (all digital inputs)
VIL
0.30
× V
DD
V
Input low voltage (1.8 V
≤ V
DD ≤ 2.3 V)
(all digital inputs)
VIL
0.30
× V
DD
V
Input hysteresis (all digital inputs)
Vhys
1
0.06
× V
DD
——
V
Input leakage current (per pin)
VIn = VDD or VSS, all input only pins
|IIn|
0.025
1.0
μA
High impedance (off-state) leakage current (per pin)
VIn = VDD or VSS, all input/output
|IOZ|
0.025
1.0
μA
Internal pullup resistors2(all port pins)
RPU
20
45
65
k
Ω
Internal pulldown resistors2(all port pins except PTA5)
RPD
20
45
65
k
Ω
PTA5 Internal pulldown resistor
—45
95
k
Ω


Similar Part No. - MC9RS08KA8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
NXP Semiconductors
MC9RS08KA8 NXP-MC9RS08KA8 Datasheet
1Mb / 42P
   8-Bit RS08 Central Processor Unit (CPU)
Rev. 4, 6/2009
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
MC9RS08KA8CPG FREESCALE-MC9RS08KA8CPG Datasheet
952Kb / 42P
   MCU Block Diagram
More results

Similar Description - MC9RS08KA8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08KB12 FREESCALE-MC9RS08KB12 Datasheet
853Kb / 48P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com