Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9RS08KA8 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9RS08KA8
Description  MCU Block Diagram
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9RS08KA8 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9RS08KA8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9RS08KA8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
MCU Block Diagram
MC9RS08KA8 Series, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
MCU Block Diagram
The block diagram, Figure 1, shows the structure of the MC9RS08KA8 MCU.
Figure 1. MC9RS08KA8 Series Block Diagram
2
Pin Assignments
This section shows the pin assignments in the packages available for the MC9RS08KA8 series.
KEYBOARD INTERRUPT
USER FLASH
USER RAM
RS08 CORE
CPU
BDC
16-BIT TIMER/PWM
MODULE (TPM)
RS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE REGULATOR
LOW-POWER OSCILLATOR
20-MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 39.0625 kHz
1 MHz to 5 MHz
(XOSC)
VSS
VDD
ANALOG-TO-DIGITAL
CONVERTER (ADC)
10-BIT
(MC9RS08KA8 = 8192 BYTES)
(MC9RS08KA4 = 4096 BYTES)
(MC9RS08KA8 = 254 BYTES)
(MC9RS08KA4 = 126 BYTES)
IIC MODULE(IIC)
ANALOG COMPARATOR
(ACMP)
8-BIT TIMER
(MTIM1 and MTIM2)
VPP
COP
WAKEUP
RTI
LVD
PTC0/ADP8
PTB3/KBIP7/ADP7
PTB2/KBIP6/ADP6
PTB1/KBIP5/ADP5
PTB0/KBIP4/ADP4
PTA2/KBIP2/SDA/ADP2
PTA3/KBIP3/SCL/ADP3
PTA1/KBIP1/TPMCH1/ADP1/ACMP–
PTA0/KBIP0/TPMCH0/ADP0/ACMP+
PTC1/ADP9
PTC2/ADP10
PTB4/TPMCH0
PTC3/ADP11
PTA5/TCLK/RESET/VPP
PTA4/ACMPO/BKGD/MS
PTB7/SCL/EXTAL
PTB6/SDA/XTAL
PTB5/TPMCH1


Similar Part No. - MC9RS08KA8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
NXP Semiconductors
MC9RS08KA8 NXP-MC9RS08KA8 Datasheet
1Mb / 42P
   8-Bit RS08 Central Processor Unit (CPU)
Rev. 4, 6/2009
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
MC9RS08KA8CPG FREESCALE-MC9RS08KA8CPG Datasheet
952Kb / 42P
   MCU Block Diagram
More results

Similar Description - MC9RS08KA8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08KB12 FREESCALE-MC9RS08KB12 Datasheet
853Kb / 48P
   MCU Block Diagram
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
logo
TriQuint Semiconductor
TQ5M31K TRIQUINT-TQ5M31K Datasheet
2Mb / 15P
   BLOCK DIAGRAM
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com