Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3346E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3346E
Description  ±15kV ESD-Protected USB Transceiver in UCSP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3346E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3346E Datasheet HTML 1Page - Maxim Integrated Products MAX3346E Datasheet HTML 2Page - Maxim Integrated Products MAX3346E Datasheet HTML 3Page - Maxim Integrated Products MAX3346E Datasheet HTML 4Page - Maxim Integrated Products MAX3346E Datasheet HTML 5Page - Maxim Integrated Products MAX3346E Datasheet HTML 6Page - Maxim Integrated Products MAX3346E Datasheet HTML 7Page - Maxim Integrated Products MAX3346E Datasheet HTML 8Page - Maxim Integrated Products MAX3346E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESD PROTECTION (D+, D-)
Human Body Model
±15
kV
IEC 1000-4-2 Air-Gap Discharge
±10
kV
IEC 1000-4-2 Contact Discharge
±8kV
LOGIC-SIDE I/O
Input High Voltage
VIH
VP, VM, SUSP, SPEED, OE, MODE, ENUM
(2/3) x VL
V
Input Low Voltage
VIL
VP, VM, SUSP, SPEED, OE, MODE, ENUM
0.4
V
Output High Voltage
VOH
ISOURCE = +2mA, RCV, VP, VM
VL - 0.4
V
Output Low Voltage
VOL
ISINK = -2mA, RCV, VP, VM
0.4
V
Input Leakage Current
VP, VM, SUSP, ENUM, OE, MODE = 0 or VL
±1µA
USB-SIDE I/O
Output-Voltage Low
VOLD
RL = 1.5kΩ from D+ or D- to 3.6V
0.3
V
Output-Voltage High
VOHD
RL = 15kΩ from D+ and D- to GND
2.8
3.6
V
Input Impedance
ZIN
VD_ = 0 or +3.6V, ENUM = 0,
three-state driver
1MΩ
Single-Ended Input-Voltage High
VIH
2.0
V
Single-Ended Input-Voltage Low
VIL
0.8
V
D+, D- Receiver Hysteresis
200
mV
Driver Output Impedance
ROUT
4.6
16.0
Internal Resistor
RPULLUP
1.410
1.5
1.540
kΩ
Input Common-Mode Voltage
0.8
2.5
V
Differential Input Sensitivity
200
mV
±15kV ESD-Protected USB Transceiver
in UCSP
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4V to +5.5V, GND = 0, VTRM = +3.0V to +3.6V, VL = +1.65V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V, VL = +2.5V, TA = +25°C.) (Note 2)
TIMING CHARACTERISTICS
(VCC = +4V to +5.5V, GND = 0, VTRM = +3.0V to +3.6V, VL = +1.65V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V, VL = +2.5V, TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPEED INDEPENDENT TIMING CHARACTERISTICS
OE to VP/VM Three-State Delay
Disable Time
tPVZ
Figures 1a and 4a
20
ns
OE to VP/VM Delay
Enable Time
tPZV
Figures 1a and 4a
25
ns
D+/D- to RCV Propagation Delay
tPLH
CL = 25pF, Figures 4b and 5
18
ns
D+/D- to RCV Propagation Delay
tPHL
CL = 25pF, Figures 4b and 5
18
ns


Similar Part No. - MAX3346E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
More results

Similar Description - MAX3346E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
   ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com