Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51-C90XG Datasheet(PDF) 2 Page - EPCOS

Part # M51-C90XG
Description  2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

M51-C90XG Datasheet(HTML) 2 Page - EPCOS

  M51-C90XG Datasheet HTML 1Page - EPCOS M51-C90XG Datasheet HTML 2Page - EPCOS M51-C90XG Datasheet HTML 3Page - EPCOS M51-C90XG Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X5020T103
2-electrode arrester
M51-C90XG
KB AB E / KB AB PM
Issue 06 / 2007-10-10
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
High current rating
Very fast response time
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Modem
XDSL-splitter
Data lines
Tuner
Antenna
Electrical specifications
DC spark-over voltage
1) 2)
90
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 550
< 500
< 600
< 550
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5
A
1 operation
50 Hz, 0.18 s (9 cycles)
10
A
10 operations
8/20 µs
5
kA
1 operation
8/20 µs
10
kA
1 operation
10/350 µs
0.5
kA
300 operations
10/1000 µs
100
A
Insulation resistance at 50 Vdc
> 1
G
Ω
Capacitance at 1 MHz
< 1
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 15
~ 0.8
~ 60
V
A
V
Weight
~ 1
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
90 YY O
90
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - M51-C90XG

ManufacturerPart #DatasheetDescription
logo
EPCOS
M51-A75X EPCOS-M51-A75X Datasheet
54Kb / 4P
   Surge arrester 2-electrode arrester
More results

Similar Description - M51-C90XG

ManufacturerPart #DatasheetDescription
logo
EPCOS
EF470X EPCOS-EF470X Datasheet
55Kb / 4P
   2-electrode arrester
V12-A600X EPCOS-V12-A600X Datasheet
86Kb / 2P
   2-Electrode-Arrester
A71-H14XF EPCOS-A71-H14XF Datasheet
89Kb / 2P
   2-Electrode-Arrester
A80-C350X EPCOS-A80-C350X Datasheet
15Kb / 2P
   2-Electrode-Arrester
A81-A350XG EPCOS-A81-A350XG Datasheet
82Kb / 2P
   2-Electrode-Arrester
A83-A600X EPCOS-A83-A600X Datasheet
80Kb / 2P
   2-Electrode-Arrester
A81-A250XSMD EPCOS-A81-A250XSMD Datasheet
91Kb / 2P
   2-Electrode-Arrester
A81-A500X EPCOS-A81-A500X Datasheet
17Kb / 2P
   2-Electrode-Arrester
B88069X5080S102 EPCOS-B88069X5080S102 Datasheet
55Kb / 4P
   2-electrode arrester
A81-A230X EPCOS-A81-A230X_1 Datasheet
83Kb / 2P
   2-Electrode-Arrester
A81-A600X EPCOS-A81-A600X_1 Datasheet
60Kb / 4P
   2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com